Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1185 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1185
Description  Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1185 Datasheet(HTML) 4 Page - Linear Technology

  LT1185_15 Datasheet HTML 1Page - Linear Technology LT1185_15 Datasheet HTML 2Page - Linear Technology LT1185_15 Datasheet HTML 3Page - Linear Technology LT1185_15 Datasheet HTML 4Page - Linear Technology LT1185_15 Datasheet HTML 5Page - Linear Technology LT1185_15 Datasheet HTML 6Page - Linear Technology LT1185_15 Datasheet HTML 7Page - Linear Technology LT1185_15 Datasheet HTML 8Page - Linear Technology LT1185_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1185
1185ff
Ripple Rejection vs Frequency
Ground Pin Current
INPUT-OUTPUT DIFFERENTIAL (V)
0
0
1
2
3
5
10
15
20
LT1185 • TPC01
25
4
5
30
TYPICAL
TEST POINTS
GUARANTEED
LIMIT
GUARANTEED
LIMIT
Internal Current Limit
INPUT VOLTAGE (V)
0
8
10
12
15
25
LT1185 • TPC02
6
4
510
20
30
35
2
0
VOUT = 5V
*DOES NOT INCLUDE REF CURRENT
OR OUTPUT DIVIDER CURRENT
ILOAD = 0
TJ = 25°C
Quiescent Ground Pin Current*
JUNCTION TEMPERATURE (
°C)
–50
2.37
2.38
2.39
150
LT1185 • TPC03
2.36
2.35
2.33
0
50
100
2.34
2.41
2.40
–25
25
75
125
Feedback Pin Voltage
Temperature Drift
LOAD CURRENT (A)
0
80
100
120
4
LT1185 • TPC04
60
40
0
1
2
3
20
160
140
TJ = 25°C
REGULATOR JUST AT
DROPOUT POINT
VIN – VOUT = 5V
FREQUENCY (Hz)
–20
–40
–60
–80
–100
100
10k
100k
1M
LT1185 • TPC05
0
1k
ALL OUTPUT
VOLTAGES
WITH 0.05
µF
ACROSS R2
VOUT = 5V
VIN – VOUT = 1.5V
Load Transient Response
TIME (
µs)
0
4
8
10
LT1185 • TPC06
26
12
14
16
0.1A tr,f ≤ 100ns
COUT = 2.2µF, ESR = 1Ω
COUT = 2.2µF, ESR = 2Ω
VOUT = 5V
IOUT = 1A
100mV
∆ILOAD
Output Impedance
FREQUENCY (Hz)
0.01
0.1
1
10
1M
10k
100k
LT1183 • TPC07
0.001
1k
OUTPUT IMPEDANCE IS
SET BY OUTPUT CAPACITOR
ESR IN THIS REGION
VOUT = 5V
IOUT = 1A
COUT = 2.2µF
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1185_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1185C LINER-LT1185C Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185CQ LINER-LT1185CQ Datasheet
179Kb / 16P
   Low Dropout Regulator
LT1185CT LINER-LT1185CT Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185CT LINER-LT1185CT Datasheet
179Kb / 16P
   Low Dropout Regulator
LT1185I LINER-LT1185I Datasheet
211Kb / 16P
   Low Dropout Regulator
More results

Similar Description - LT1185_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com