Selected language     English  ā–¼


KTD1624 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part No. KTD1624
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 3 page
background image
2001. 12. 6
3/3
KTD1624
Revision No : 4
COLLECTOR CURRENT I
(A)
0.03
0.01
10
50
30
0.1
0.3
1
10
3
C
1k
300
100
500
T
f
- I C
CE
V
=10V
COLLECTOR BASE VOLTAGE V
(V)
3
1
1
5
3
10
30
100
CB
100
30
10
50
ob
C
- VCB
f=1MHz
5
50
200
0.1
COLLECTOR EMITTER VOLTAGE V
(V)
CE
0.3
1
3
10
30
0.02
0.03
0.1
0.3
0.5
1
3
5
MOUNTED ON CERAMIC
BOARD (250mm
x0.8t)
SAFE OPERATING AREA
Ta=25 C ONE PULSE
100
10
0.05
ICP
I MAX.
C
DC
Operat
ion
2
0
0
AMBIENT TEMPERATURE Ta ( C)
C
P
- Ta
20
40
60
80
100
120
140
160
0.2
0.4
0.6
0.8
1.0
1.2
MOUNTED ON CERAMIC
SUBSTRATE
(250mm
x0.8t)
Ta=25 C
2
1
2
1
2




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC2695NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR 1 2 3 4 Mitsubishi Electric Semiconductor
2SC3105NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR 1 2 Mitsubishi Electric Semiconductor
2SC4838NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR 1 2 3 Mitsubishi Electric Semiconductor
2SC6015NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
BTC945A3General Purpose NPN Epitaxial Planar Transistor 1 2 3 4 5 Cystech Electonics Corp.
BTC4061N3General Purpose NPN Epitaxial Planar Transistor 1 2 3 4 5 Cystech Electonics Corp.
BTC5096WC3High Cutoff Frequency NPN Epitaxial Planar Transistor 1 2 3 4 5 MoreCystech Electonics Corp.
BTD1760J3Low Vcesat NPN Epitaxial Planar Transistor 1 2 3 4 5 Cystech Electonics Corp.
BTD1857AT3Silicon NPN Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
BTD2150AD3Low Vcesat NPN Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl