Selected language     English  ā–¼


KTD1691 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part No. KTD1691
Description  EPITAXIAL PLANAR NPN TRANSISTOR (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 1 page
background image
2003. 7. 24
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTD1691
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 3
LOW COLLECTOR SATURATION VOLTAGE
LARGE CURRENT
FEATURES
High Power Dissipation : PC=1.5W(Ta=25 )
Complementary to KTB1151.
MAXIMUM RATING (Ta=25 )
TO-126
H
J
MILLIMETERS
C
E
F
G
D
A
B
DIM
A
C
E
F
G
H
J
K
M
O
P
N
L
D
1. EMITTER
2. COLLECTOR
3. BASE
K
L
M
N
O
P
8.3 MAX
5.8
0.7
Ī¦3.2 0.1
3.5
11.0 0.3
2.9 MAX
1.0 MAX
1.9 MAX
0.75 0.15
2.3 0.1
0.65 0.15
1.6
3.4 MAX
B
1
23
+_
+_
+_
15.50 0.5
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
7
V
Collector Current
DC
IC
5
A
Pulse *
ICP
8
Base Current
IB
1
A
Collector Power
Dissipation
Ta=25
PC
1.5
W
Tc=25
20
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=50V, IE=0
-
-
10
A
Emitter Cut-off Current
IEBO
VEB=7V, IC=0
-
-
10
A
DC Current Gain
*
hFE 1
VCE=1V, IC=0.1A
60
-
-
hFE2 (Note)
VCE=1V, IC=2A
160
-
400
hFE 3
VCE=2V, IC=5A
50
-
-
Collector-Emitter Saturation Voltage *
VCE(sat)
IC=2A, IB=0.2A
-
0.1
0.3
V
Base-Emitter Saturation Voltage
*
VBE(sat)
IC=2A, IB=0.2A
-
0.9
1.2
V
Switching
Time
Turn On Time
ton
IB1
B1
I
CC
V
=10V
IB2
IB2
20Āµsec
I =-I
=0.2A
1%
B1
B2
OUTPUT
DUTY CYCLE
INPUT
<
=
-
0.2
1
S
Storage Time
tstg
-
1.1
2.5
Fall Time
tf
-
0.2
1
* Pulse test : PW 50 S, Duty Cycle 2% Pulse
Note) hFE(2) Classification : O:160 320, Y:200 400.
* PW 10ms, Duty Cycle 50%




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KTC5103DEPITAXIAL PLANAR NPN TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT 1 2 3 KEC(Korea Electronics)
KTA1385DEPITAXIAL PLANAR PNP TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT 1 2 3 KEC(Korea Electronics)
KTB1151EPITAXIAL PLANAR PNP TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT 1 2 3 KEC(Korea Electronics)
BC337NPN Silicon AF Transistors High current gain High collector current Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC369PNP Silicon AF Transistor High current gain High collector current Low collector-emitter saturation voltage 1 2 3 4 Siemens Semiconductor Group
BC846W-BC850WNPN Silicon AF Transistor For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
KSB1151PNP LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT 1 2 3 4 5 Samsung semiconductor
KSD1692NPN HIGH DC CURRENT GAIN LOW COLLECTOR SATURATION VOLTAGE BUILT-IN A DAMPER DIODE AT E-C 1 2 3 4 5 MoreSamsung semiconductor
KTX402UEPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl