Selected language     English  ā–¼


KTD1691 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTD1691
Description  EPITAXIAL PLANAR NPN TRANSISTOR (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 2 page
background image
2003. 7. 24
2/3
KTD1691
Revision No : 3
6
10
0.8
0.4
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
Pc - Ta
AMBIENT TEMPERATURE Ta ( C)
0
0
50
100
150
200
5
10
15
20
25
CASE TEMPERATURE Tc ( C)
0
0
120
50
160
200
100
150
d
- T
TC
40
80
0
2
20
0
80
40
60
100
S/b
Limited
Dissipation
Limited
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
SAFE OPERATING AREA
4
6
8
10
25
75
125
175
20
60
100
140
1.2
1.6
2.0
2
0
4
8
I =0mA
B
I =10mA
B
I =20mA
B
I =30mA
B
I =40mA
B
I =60mA
B
I =80mA
B
I =100
mA
B
I
=150mA
B
0.01
COLLECTOR CURRENT I
(A)
C
h
- I
FE
C
0.03
0.1
0.3
1
3
10
1
3
5
10
30
50
100
300
500
1k
V
=2V
CE
V
=1V
CE
Tc=Ta
NO HEAT SINK
1
INFINITE HEAT SINK
REVERSE BIAS
SAFE OPERATING AREA
13
10
30
0.1
100
0.3
0.5
1
3
5
10
550
2mS*
10mS*
200mS
Diss
ipation
L
imited
S/b
Limited
I (DC) MAX.
I (Pulse) MAX.
C
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
C
* SINGLE NONREPETITVE
PULSE Ta=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
1
2
2




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KTC5103DEPITAXIAL PLANAR NPN TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT 1 2 3 KEC(Korea Electronics)
KTA1385DEPITAXIAL PLANAR PNP TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT 1 2 3 KEC(Korea Electronics)
KTB1151EPITAXIAL PLANAR PNP TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT 1 2 3 KEC(Korea Electronics)
BC337NPN Silicon AF Transistors High current gain High collector current Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC369PNP Silicon AF Transistor High current gain High collector current Low collector-emitter saturation voltage 1 2 3 4 Siemens Semiconductor Group
BC846W-BC850WNPN Silicon AF Transistor For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
KSB1151PNP LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT 1 2 3 4 5 Samsung semiconductor
KSD1692NPN HIGH DC CURRENT GAIN LOW COLLECTOR SATURATION VOLTAGE BUILT-IN A DAMPER DIODE AT E-C 1 2 3 4 5 MoreSamsung semiconductor
KTX402UEPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl