Selected language     English  â–Ľ


KTD1824E Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTD1824E
Description  EPITAXIAL PLANAR NPN TRANSISTOR (FOR LOW-FREQUENCY AMPLIFICATION)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 2 page
background image
2001. 10. 23
2/3
KTD1824E
Revision No : 0
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
0
I
- V
C
CE
24
68
10
20
40
60
80
100
120
V
- I
CE(sat)
C
COLLECTOR CURRENT I
(mA)
C
I =10
µA
20
µA
30
µA
40
µA
50
µA
60
µA
70
µA
80µA
90µA
100µA
B
BASE-EMITTER VOLTAGE V
(V)
0
BE
0
I
- V
C
BE
0.4
0.8
1.2
0.2
0.6
1.0
20
40
60
80
100
h
- I
FE
C
0.01
1
0.03
0.05
0.1
0.3
0.5
Ta=25 C
Ta=25 C
Ta=25 C
Ta=-25
C
Ta=75 C
Ta=75 C
Ta=25 C
Ta=-25 C
Ta=25 C
0.1
0.3
1
3
10
30
100
C
COLLECTOR CURRENT I
(mA)
0.1
0.3
1
3
10
30
100
E
EMITTER CURRENT I
(mA)
-0.1
-0.3
0
-1
-3
-10
-30
-100
50
100
150
200
250
0
300
600
900
1200
COLLECTOR-BASE VOLTAGE V
(V)
CB
C
- V
ob
CB
f
- I
TE
f=1MHz
0
10
30
3
1
100
2
1
3
4
5
6
7
8
I =0
E
V
=10V
CE
V
=10V
CE
V
=10V
CB
I /I =10
C B




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KTD1824EPITAXIAL PLANAR NPN TRANSISTOR FOR LOW-FREQUENCY AMPLIFICATION 1 2 3 KEC(Korea Electronics)
2SD2621Silicon NPN epitaxial planar type For low-frequency driver amplification 1 2 3 Panasonic Semiconductor
XN01558Silicon NPN epitaxial planar type For low-frequency amplification 1 2 3 Panasonic Semiconductor
2SC5185NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION 1 2 3 4 5 MoreNEC
2SC2497Silicon NPN epitaxial planar type For low-frequency power amplification 1 2 3 4 Panasonic Semiconductor
KTC3230EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE CORDLESS TELEPHONE TX FINAL AMPLIFIER APPLICATION FOR 1.7MHz SYSTEM 1 2 KEC(Korea Electronics)
2SC5186NPN EPITAXIAL SILICON TRANSISTOR IN ULTRA SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION 1 2 3 4 5 MoreNEC
UNR32ANSilicon NPN epitaxial planar transistor For digital circuits 1 2 3 Panasonic Semiconductor
BC337NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications   1 2 3 4 5 Semtech Corporation
2SC5369NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE AMPLIFICATION 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl