Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-M12C571EG-XX Datasheet(PDF) 4 Page - BetLux Electronics

Part # BL-M12C571EG-XX
Description  39.10mm (1.2) :u3.0 dot matrix LED display. BI-COLOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-M12C571EG-XX Datasheet(HTML) 4 Page - BetLux Electronics

  BL-M12C571EG-XX Datasheet HTML 1Page - BetLux Electronics BL-M12C571EG-XX Datasheet HTML 2Page - BetLux Electronics BL-M12C571EG-XX Datasheet HTML 3Page - BetLux Electronics BL-M12C571EG-XX Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LED DOT MATRIX
BL-M12X571XX
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 4 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
6.3g/pcs
Maximum
64pcs/bag
Maximum
5
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box


Similar Part No. - BL-M12C571EG-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M12C571EG BETLUX-BL-M12C571EG Datasheet
72Kb / 3P
   LED DOT MATRIX
More results

Similar Description - BL-M12C571EG-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M12E571XX BETLUX-BL-M12E571XX Datasheet
341Kb / 4P
   39.10mm (1.2) :u3.0 dot matrix LED display. BI-COLOR
BL-M12G571XX BETLUX-BL-M12G571XX Datasheet
356Kb / 4P
   39.10mm (1.2):u3.0 dot matrix LED display. BI-COLOR
BL-M12C881XX BETLUX-BL-M12C881XX Datasheet
386Kb / 4P
   39.10mm (1.2) :u3.0 dot matrix LED display. BI-COLOR
BL-M12E881XX BETLUX-BL-M12E881XX Datasheet
384Kb / 4P
   39.10mm (1.2) :u3.0 dot matrix LED display. BI-COLOR
BL-M12A571 BETLUX-BL-M12A571 Datasheet
351Kb / 5P
   39.10mm (1.2) u3.0 dot matrix LED display
BL-M14A581XX BETLUX-BL-M14A581XX Datasheet
368Kb / 4P
   37.40mm (1.4) :u3.0 dot matrix LED display, bi-color
BL-M12A881 BETLUX-BL-M12A881 Datasheet
350Kb / 5P
   32.00mm (1.2) :u3.0 dot matrix LED display
BL-M12A882 BETLUX-BL-M12A882 Datasheet
362Kb / 5P
   32.00mm (1.2) :u3.0 dot matrix LED display
BL-M12A572 BETLUX-BL-M12A572 Datasheet
341Kb / 5P
   31.80mm (1.2) : u3.0 dot matrix LED display
BL-M12C881 BETLUX-BL-M12C881 Datasheet
366Kb / 5P
   32.00mm (1.2) :u3.0 dot matrix LED display
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com