Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTD1882 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTD1882
Description  EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTD1882 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTD1882 Datasheet HTML 1Page - KEC(Korea Electronics) KTD1882 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2000. 12. 8
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTD1882
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 0
AUDIO FREQUENCY POWER AMPLIFIER
LOW SPEED SWITCHING
FEATURES
Complementary to KTB1772.
MAXIMUM RATING (Ta=25 )
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
2. COLLECTOR
3. BASE
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=30V, IE=0
-
-
1
A
Emitter-Cut-off Current
IEBO
VEB=3V, IC=0
-
-
1
A
DC Current Gain
*
hFE(1)
VCE=2V, IC=20mA
30
150
-
hFE(2) (Note)
VCE=2V, IC=1A
100
160
400
Collector-Emitter Saturation Voltage
*
VCE(sat)
IC=2A, IB=0.2A
-
0.3
0.5
V
Base-Emitter Saturation Voltage
*
VBE(sat)
IC=2V, IB=0.2A
-
1.0
2.0
V
Current Gain Bandwidth Product
fT
VCE=5V, IC=0.1A
-
90
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
45
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
DC
IC
3
A
Pulse (Note)
ICP
7
Base Current (DC)
IB
0.6
A
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
Note : Pulse Width
10mS, Duty Cycle 50%.
* Pulse Test : Pulse Width 350 S, Duty Cycle 2% Pulsed
Note: hFE(2) Classification
O:100 200 , Y:160 320 , GR:200 400


Similar Part No. - KTD1882

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1824 KEC-KTD1824 Datasheet
72Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (FOR LOW-FREQUENCY AMPLIFICATION)
KTD1824 KEC-KTD1824 Datasheet
21Kb / 1P
   USM PACKAGE
KTD1824E KEC-KTD1824E Datasheet
71Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (FOR LOW-FREQUENCY AMPLIFICATION)
KTD1824 KEC-KTD1824_08 Datasheet
21Kb / 1P
   USM PACKAGE
KTD1854T KEC-KTD1854T Datasheet
83Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - KTD1882

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTB772 KEC-KTB772 Datasheet
297Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
KTD882 KEC-KTD882 Datasheet
315Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
KTB1772 KEC-KTB1772 Datasheet
69Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
Toshiba Semiconductor
2SC3422 TOSHIBA-2SC3422 Datasheet
151Kb / 2P
   NPN EPITAXIAL TYPE (AUDIO FREQUENCY POWER AMPLIFIER, LOW SPEED SWITCHING)
logo
KEC(Korea Electronics)
KTC3265 KEC-KTC3265 Datasheet
250Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER,POWER SWITCHING)
KTC2803 KEC-KTC2803 Datasheet
237Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO FREQUENCY HIGH FREQUENCY POWER AMPLIFIER)
logo
Samsung semiconductor
KSD882 SAMSUNG-KSD882 Datasheet
202Kb / 6P
   NPN (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
KEC(Korea Electronics)
KTD600K KEC-KTD600K Datasheet
274Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (LOW FREQUENCY POWER AMP, MEDIUM SPEED SWITCHING)
KTC2025D KEC-KTC2025D Datasheet
399Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (LOW FREQUENCY POWER AMP, MEDIUM SPEED SWITCHING)
logo
Toshiba Semiconductor
2SA1359 TOSHIBA-2SA1359 Datasheet
154Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER. LOW SPEED SWITCHING)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com