Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-M15A883SG-XX Datasheet(PDF) 4 Page - BetLux Electronics

Part # BL-M15A883SG-XX
Description  38.00mm (1.5) :u3.7 dot matrix LED display
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-M15A883SG-XX Datasheet(HTML) 4 Page - BetLux Electronics

  BL-M15A883SG-XX Datasheet HTML 1Page - BetLux Electronics BL-M15A883SG-XX Datasheet HTML 2Page - BetLux Electronics BL-M15A883SG-XX Datasheet HTML 3Page - BetLux Electronics BL-M15A883SG-XX Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LED DOT MATRIX
BL-M15X883XX
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.3
Page 4 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
Maximum
5
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box
13.5g/pcs
Maximum
25pcs/bag


Similar Part No. - BL-M15A883SG-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M15A883SG-XX BETLUX-BL-M15A883SG-XX Datasheet
177Kb / 3P
   LED DOT MATRIX
More results

Similar Description - BL-M15A883SG-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M15C881 BETLUX-BL-M15C881 Datasheet
368Kb / 5P
   38.00mm (1.5) :u3.7 dot matrix LED display
BL-M15A882 BETLUX-BL-M15A882 Datasheet
369Kb / 5P
   38.00mm (1.5) :u3.7 dot matrix LED display
BL-M15C883 BETLUX-BL-M15C883 Datasheet
371Kb / 5P
   38.00mm (1.5) :u3.7 dot matrix LED display.
BL-M15C882 BETLUX-BL-M15C882 Datasheet
369Kb / 5P
   38.00mm (1.5) :u3.7 dot matrix LED display
BL-M15C883XX BETLUX-BL-M15C883XX Datasheet
393Kb / 4P
   38.00mm (1.5) :u3.7 dot matrix LED display
BL-M15A881 BETLUX-BL-M15A881 Datasheet
369Kb / 5P
   38.00mm (1.5) :u3.7 dot matrix LED display
BL-M15A883 BETLUX-BL-M15A883 Datasheet
347Kb / 5P
   38.00mm (1.5) :u3.7 dot matrix LED display
BL-M15AFF1 BETLUX-BL-M15AFF1 Datasheet
453Kb / 5P
   40.00mm (1.5) :u1.8 dot matrix LED display
logo
China Semiconductor Cor...
CSM-16151A9 CHINASEMI-CSM-16151A9 Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151M9 CHINASEMI-CSM-16151M9 Datasheet
260Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com