Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-M15C882S-XX Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-M15C882S-XX
Description  38.00mm (1.5) :u3.7 dot matrix LED display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-M15C882S-XX Datasheet(HTML) 1 Page - BetLux Electronics

  BL-M15C882S-XX Datasheet HTML 1Page - BetLux Electronics BL-M15C882S-XX Datasheet HTML 2Page - BetLux Electronics BL-M15C882S-XX Datasheet HTML 3Page - BetLux Electronics BL-M15C882S-XX Datasheet HTML 4Page - BetLux Electronics BL-M15C882S-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LED DOT MATRIX
BL-M15X882
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.3
Page 1 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
Ø
38.00mm (1.5”) ¦µ3.7 dot matrix LED display.
Ø
Low current operation.
Ø
Excellent character appearance.
Ø
Easy mounting on P.C. Boards or sockets.
Ø
I.C. Compatible.
Ø
ROHS Compliance.
Super Bright
Electrical-optical characteristics: (Ta=25 C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Row
Cathode
Column Anode
Row Anode
Column Cathode
Emitted
Color
Material
P
(nm)
Typ
Max
Iv
TYP.(mcd)
BL-M15C882S-XX
BL-M15D882S-XX
Hi Red
GaAl As/GaAs,SH
660
1.85
2.20
250
BL-M15C882D-XX
BL-M15D882D-XX
Super
Red
GaAl As/GaAs,DH
660
1.85
2.20
320
BL-M15C882UR-XX
BL-M15D882UR-XX
Ultra
Red
GaAl As/GaAs,DDH
660
1.85
2.20
400
BL-M15C882E-XX
BL-M15D882E-XX
Orange
GaAsP/GaP
635
2.10
2.50
190
BL-M15C882Y-XX
BL-M15D882Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
190
BL-M15C882G-XX
BL-M15D882G-XX
Green
GaP/GaP
570
2.20
2.50
195
Ultra Bright
Electrical-optical characteristics: (Ta=25 C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Row Cathode
Column Anode
Row Anode
Column Cathode
Emitted Color
Material
P
(nm)
Typ
Max
Iv
TYP.(mcd)
BL-M15C882UHR-XX
BL-M15D882UHR-XX
Ultra Red
AlGaInP
645
2.10
2.50
400
BL-M15C882UE-XX
BL-M15D882UE-XX
Ultra Orange
AlGaInP
630
2.10
2.50
235
BL-M15C882YO-XX
BL-M15D882YO-XX
Ultra Amber
AlGaInP
619
2.10
2.50
235
BL-M15C882UY-XX
BL-M15D882UY-XX
Ultra Yellow
AlGaInP
590
2.10
2.50
235
BL-M15C882UG-XX
BL-M15D882UG-XX
Ultra Green
AlGaInP
574
2.20
2.50
250
BL-M15C882PG-XX
BL-M15D882PG-XX
Ultra Pure Green
InGaN
525
3.80
4.50
270
BL-M15C882B-XX
BL-M15D882B-XX
Ultra Blue
InGaN
470
2.70
4.20
180
BL-M15C882W-XX
BL-M15D882W-XX
Ultra White
InGaN
/
2.70
4.20
235
·-XX: Surface / Lens color
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - BL-M15C882S-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M15C882S BETLUX-BL-M15C882S Datasheet
81Kb / 4P
   LED DOT MATRIX
BL-M15C882SG BETLUX-BL-M15C882SG Datasheet
74Kb / 3P
   LED DOT MATRIX
More results

Similar Description - BL-M15C882S-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M15C881 BETLUX-BL-M15C881 Datasheet
368Kb / 5P
   38.00mm (1.5) :u3.7 dot matrix LED display
BL-M15A882 BETLUX-BL-M15A882 Datasheet
369Kb / 5P
   38.00mm (1.5) :u3.7 dot matrix LED display
BL-M15C883 BETLUX-BL-M15C883 Datasheet
371Kb / 5P
   38.00mm (1.5) :u3.7 dot matrix LED display.
BL-M15A883XX BETLUX-BL-M15A883XX Datasheet
394Kb / 4P
   38.00mm (1.5) :u3.7 dot matrix LED display
BL-M15C883XX BETLUX-BL-M15C883XX Datasheet
393Kb / 4P
   38.00mm (1.5) :u3.7 dot matrix LED display
BL-M15A881 BETLUX-BL-M15A881 Datasheet
369Kb / 5P
   38.00mm (1.5) :u3.7 dot matrix LED display
BL-M15A883 BETLUX-BL-M15A883 Datasheet
347Kb / 5P
   38.00mm (1.5) :u3.7 dot matrix LED display
BL-M15AFF1 BETLUX-BL-M15AFF1 Datasheet
453Kb / 5P
   40.00mm (1.5) :u1.8 dot matrix LED display
logo
China Semiconductor Cor...
CSM-16151A9 CHINASEMI-CSM-16151A9 Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151M9 CHINASEMI-CSM-16151M9 Datasheet
260Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com