Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1942 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1942
Description  Quad DC/DC Converter for Triple Output TFT Supply Plus LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1942 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1942_15 Datasheet HTML 3Page - Linear Technology LT1942_15 Datasheet HTML 4Page - Linear Technology LT1942_15 Datasheet HTML 5Page - Linear Technology LT1942_15 Datasheet HTML 6Page - Linear Technology LT1942_15 Datasheet HTML 7Page - Linear Technology LT1942_15 Datasheet HTML 8Page - Linear Technology LT1942_15 Datasheet HTML 9Page - Linear Technology LT1942_15 Datasheet HTML 10Page - Linear Technology LT1942_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1942
7
1942fb
PI FU CTIO S
PGND23 (Pin 1): Power Ground for VOFF and VON Switcher.
Tie directly to local ground plane.
SW3 (Pin 2): Switch Pin for VON Switcher. This is the
collector of an internal NPN power switch. Minimize the
metal trace area connected to this pin to minimize EMI.
D3 (Pin 3): Output of VON Switcher. Place output decoup-
ling capacitor from this pin to local ground plane.
VOUT3 (Pin 4): Collector of Internal Output Disconnect
PNP Transistor for the VON Switcher. Place a capacitor
from this pin to local ground plane of at least 0.1
µF.
FB3 (Pin 5): Feedback Pin for VON Switcher. Reference
voltage is 1.25V. Connect resistive divider tap here.
Minimize trace area at FB3. Set VOUT3 according to VOUT3
= 1.25(1 + R5/R6).
NFB2 (Pin 6): Feedback Pin for VOFF Switcher. Reference
voltage is –150mV. Connect resistive divider tap here.
Minimize trace area at NFB2. Set VOUT2 according to
VOUT2 = (– 0.15)(1 + R3/R4).
SHDN (Pin 7): Shutdown. Tie to 1V or greater to enable the
part. Tie to 0.4V or lower to disable. This pin is the global
shutdown pin for all four switching regulators.
CTRL4 (Pin 8): Shutdown for the LED Switcher. Tie to
0.25V or greater to enable the LED switcher. Tie to 0.1V or
lower to disable. CTRL4 can also override the default 200mV
reference for the LED switcher. If CTRL4 is tied to 2.5V or
greater, the reference voltage is 200mV. If CTRL4 is less
than 2.5V, the LED reference voltage is approximately
VCTRL4/10. This allows an 8:1 dimming range for the LEDs.
Refer to the Applications Section for more information.
CT (Pin 9): Programmable Delay for the TFT Supplies.
Place a capacitor from this pin to local ground plane. After
the delay, the output disconnect PNP for the VON supply is
turned on. The delay time is initiated when AVDD reaches
97% of its final value.
AGND (Pin 10): Analog Ground. Tie directly to local
ground plane.
SS1 (Pin 11): Soft-Start Pin for AVDD Switcher. Place a
soft-start capacitor from this pin to ground. Upon start-up,
3
µA of current charges the capacitor to 1.25V. Use larger
capacitor for slower start-up. Leave floating if not in use.
SS4 (Pin 12): Soft-Start for LED Switcher. Place a soft-
start capacitor from this pin to ground. Upon start-up, 3
µA
of current charges the capacitor to 1.25V. Use larger
capacitor for slower start-up. Leave floating if not in use.
PGOOD (Pin 13): Power Good Indication for AVDDSwitcher.
Open-collector NPN. Stays open until the VFB1 voltage
reaches 97% of target value at which point the pin will pull
down.
FB1 (Pin 14): Feedback Pin for AVDD Switcher. Connect
resistive divider tap here. Minimize trace area at FB1. Set
VOUT1 according to VOUT1 = 1.25(1 + R1/R2).
FB4 (Pin 15): Feedback Pin for LED Switcher. Place a
resistor from this node to ground. Choose R7 to set LED
current (ILED) according to the following formula:
if VCTRL4 ≥ 2.5V, R7 = 0.2/ILED
In this case, ILED is the total LED current. If two strings of
LEDs are used, ILED is the sum of the current in the two
strings. If only a single string of LEDs is used, ILED is
simply the single string current. For dimming LED current,
drive VCTRL4 to a lower voltage. See the Applications
Section for more information.
D4 (Pin 16): Output of LED Switcher. Place output de-
coupling capacitor from this pin to local ground plane.
LED2 (Pin 17): Second Input of Current Mirror for an LED
String. Connect the negative end of second string of LEDs
to this pin. If not in use, leave floating.


Similar Part No. - LT1942_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1942EUF LINER-LT1942EUF Datasheet
248Kb / 16P
   Quad DCDC Converter for Triple Outputs TFT Supply Plus LED Driver
More results

Similar Description - LT1942_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1942 LINER-LT1942 Datasheet
248Kb / 16P
   Quad DCDC Converter for Triple Outputs TFT Supply Plus LED Driver
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
   Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
logo
Global Mixed-mode Techn...
G5561A GMT-G5561A Datasheet
152Kb / 2P
   Quad-Output TFT LCD Bias DC-DC Converter
logo
Maxim Integrated Produc...
MAX1779 MAXIM-MAX1779 Datasheet
503Kb / 18P
   Low-Power Triple-Output TFT LCD DC-DC Converter
19-1795; Rev 0; 11/00
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
   Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
logo
STMicroelectronics
GS5T24-5D15 STMICROELECTRONICS-GS5T24-5D15 Datasheet
41Kb / 2P
   5W TRIPLE OUTPUT DC-DC CONVERTER
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118_2 Datasheet
456Kb / 14P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX1747 MAXIM-MAX1747 Datasheet
401Kb / 13P
   Triple Charge-Pump TFT LCD DC-DC Converter
Rev 0; 10/00
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118 Datasheet
757Kb / 18P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
logo
Eutech Microelectronics...
EUP2618 EUTECH-EUP2618 Datasheet
406Kb / 13P
   Triple Adjustable Output TFT-LCD DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com