Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1410 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1410
Description  12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1410 Datasheet(HTML) 1 Page - Linear Technology

  LTC1410_15 Datasheet HTML 1Page - Linear Technology LTC1410_15 Datasheet HTML 2Page - Linear Technology LTC1410_15 Datasheet HTML 3Page - Linear Technology LTC1410_15 Datasheet HTML 4Page - Linear Technology LTC1410_15 Datasheet HTML 5Page - Linear Technology LTC1410_15 Datasheet HTML 6Page - Linear Technology LTC1410_15 Datasheet HTML 7Page - Linear Technology LTC1410_15 Datasheet HTML 8Page - Linear Technology LTC1410_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1410
12-Bit, 1.25Msps Sampling
A/D Converter with Shutdown
S
FEATURE
DESCRIPTIO
The LTC
®1410 is a 0.65
µs, 1.25Msps, 12-bit sampling
A/D converter that draws only 160mW from
±5V supplies.
This easy-to-use device includes a high dynamic range
sample-and-hold, a precision reference and requires no
external components. Two digitally selectable power shut-
down modes provide flexibility for low power systems.
The LTC1410’s full-scale input range is
±2.5V. Maximum
DC specifications include
±1LSB INL and ±1LSB DNL over
temperature. Outstanding AC performance includes 71dB
S/(N + D) and 82dB THD at the Nyquist input frequency of
625kHz.
The unique differential input sample-and-hold can acquire
single-ended or differential input signals up to its 20MHz
bandwidth. The 60dB common mode rejection allows
users to eliminate ground loops and common mode noise
by measuring signals differentially from the source.
The ADC has a
µP compatible, 12-bit parallel output port.
There is no pipeline delay in the conversion results. A
separate convert start input and a data ready signal (BUSY)
ease connections to FIFOs, DSPs and microprocessors.
s
1.25Msps Sample Rate
s
Power Dissipation: 160mW
s
71dB S/(N + D) and 82dB THD at Nyquist
s
No Pipeline Delay
s
Nap (7mW) and Sleep (10
µW) Shutdown Modes
s
Operates with Internal 15ppm/
°C Reference
or External Reference
s
True Differential Inputs Reject Common Mode Noise
s
20MHz Full Power Bandwidth Sampling
s
±2.5V Bipolar Input Range
s
28-Pin SO Wide Package
S
APPLICATI
s
Telecommunications
s
Digital Signal Processing
s
Multiplexed Data Acquisition Systems
s
High Speed Data Acquisition
s
Spectrum Analysis
s
Imaging Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATI
TYPICAL
Complete 1.25MHz, 12-Bit Sampling A/D Converter
Effective Bits and Signal-to-(Noise + Distortion)
vs Input Frequency
INPUT FREQUENCY (Hz)
2
4
6
8
10
10k
100k
1M
10M
LTC1410 • TA02
0
1k
12
74
68
62
56
50
fSAMPLE = 1.25MHz
NYQUIST
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
LTC1410
0.1
µF
+
10
µF
DIFFERENTIAL
ANALOG INPUT
(–2.5V TO 2.5V)
2.50V
VREF OUTPUT
10
µF
10
µF
0.1
µF
0.1
µF
–5V
5V
12-BIT
PARALLEL
BUS
µP CONTROL
LINES
1410 TA01
+
+AIN
–AIN
VREF
REFCOMP
AGND
D11(MSB)
D10
D9
D8
D7
D6
D5
D4
DGND
AVDD
DVDD
VSS
BUSY
CS
CONVST
RD
SHDN
NAP/SLP
OGND
D0
D1
D2
D3


Similar Part No. - LTC1410_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1410C LINER-LTC1410C Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1410CG LINER-LTC1410CG Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1410CSW LINER-LTC1410CSW Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1410I LINER-LTC1410I Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1410IG LINER-LTC1410IG Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
More results

Similar Description - LTC1410_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1410 LINER-LTC1410 Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1415 LINER-LTC1415 Datasheet
481Kb / 24P
   12-Bit, 1.25Msps, 55mW Sampling A/D Converter
LTC1415 LINER-LTC1415_15 Datasheet
335Kb / 24P
   12-Bit, 1.25Msps, 55mW Sampling A/D Converter
LTC1278 LINER-LTC1278_15 Datasheet
289Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409 Datasheet
408Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279_15 Datasheet
285Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409_15 Datasheet
353Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278 Datasheet
329Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419 Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com