Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1429 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1429
Description  Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1429 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1429_15 Datasheet HTML 4Page - Linear Technology LTC1429_15 Datasheet HTML 5Page - Linear Technology LTC1429_15 Datasheet HTML 6Page - Linear Technology LTC1429_15 Datasheet HTML 7Page - Linear Technology LTC1429_15 Datasheet HTML 8Page - Linear Technology LTC1429_15 Datasheet HTML 9Page - Linear Technology LTC1429_15 Datasheet HTML 10Page - Linear Technology LTC1429_15 Datasheet HTML 11Page - Linear Technology LTC1429_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1429
going into very high frequency oscillation under such condi-
tions. It also creates an output error as the feedback loop
regulates based on the top of the spike, not the average value
of the output (Figure 7). The resulting output voltage behaves
asifaresistorofvalueCESR×(IPK/IAVE)Ωwasplacedinseries
with the output. To minimize this effect, output capacitor ESR
should be as low as possible or smaller value high frequency
bypass (typically a 0.1
µFceramic)shouldbeaddedinparallel
with the output capacitor.
APPLICATIONS INFORMATION
Figure 7. Output Ripple with Low and High ESR Caps
LOW ESR
OUTPUT CAP
CLOCK
VOUT
AVERAGE
VSET
COMP1
OUTPUT
VOUT
HIGH ESR
OUTPUT CAP
VOUT
AVERAGE
VSET
COMP1
OUTPUT
VOUT
LTC1429 • F07
Note that ESR in the flying caps will not cause the same
condition; in fact, it may actually improve the situation by
cutting the peak currents and lowering the amplitude of
the spike. More flying cap ESR is not necessarily better,
however; as soon as the RC time constant approaches half
of a clock period (the time the capacitors have to share
charge at full duty cycle) the output current capability of
the LTC1429 will begin to diminish. For 0.1
µF flying
capacitors and typical 700kHz external clock, this gives a
maximum total series resistance of:
=
/ 0.1
µF = 7.14Ω
1
2
)
) tCLK
CFLY
1
2
)
) 1
700kHz
Most of this resistance is already provided by the internal
switches in the LTC1429 (especially in tripler mode). More
than 1
Ω or 2Ω of ESR on the flying caps will start to affect
the regulation at maximum load.
RESISTOR SELECTION
Resistor selection is easy with the fixed output versions of
the LTC1429; no resistors are needed! Selecting the right
resistors for the adjustable parts is only a little more
difficult. A resistor divider should be used to divide the
signal at the output to give 1.24V at the ADJ pin
with
respect to VOUT (Figure 8). The LTC1429 uses a positive
reference with respect to VOUT, not a negative reference
with respect to ground (Figure 4 shows reference connec-
tion). Be sure to keep this in mind when connecting the
resistors! If the initial output is not what you expected, try
swapping the two resistors.
The 14-pin adjustable parts include a built-in resistor
string which can provide an assortment of output voltages
by using different pin-strapping options at the RO, R1 and
RADJ pins (Table 3). The internal resistors are roughly
124k, 226k, 100k and 50k (see Figure 4) giving output
options of – 3.5V, – 4V, – 4.5V and – 5V. The resistors are
carefully matched to provide accurate divider ratios, but
the absolute values can vary substantially from part to
part. It’s not a good idea to create a divider using an
external resistor and one of the internal resistors unless
the output voltage accuracy is not critical.
Table 3. Output Voltages Using the Internal Resistor Divider
PIN CONNECTIONS
OUTPUT VOLTAGE
ADJ - RADJ
–5.0V
ADJ - RADJ, RO - GND
– 4.5V
ADJ - RADJ, R1 - RO
– 4.0V
ADJ - RADJ, R1-GND
– 3.5V
ADJ - R1
– 1.77V
ADJ - R0
– 1.38V
ADJ - GND
– 1.24V
There are some oddball output voltages available as well.
They are obtained by connecting ADJ to R0 or R1 and
shorting out some of the internal resistors. If one of them
gives you the output voltage you want, by all means use it!
LTC1429
GND
R1
6 (4)*
10 (5)*
11 (6)*
LTC1429CS
*(LTC1429CS8)
LTC1429 • F07
VOUT = –1.24V
R2
(R1 + R2)
R2
ADJ
OUT
Figure 8. External Resistor Connections


Similar Part No. - LTC1429_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1429CS LINER-LTC1429CS Datasheet
275Kb / 12P
   Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
LTC1429CS8-4 LINER-LTC1429CS8-4 Datasheet
275Kb / 12P
   Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
More results

Similar Description - LTC1429_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1429 LINER-LTC1429 Datasheet
275Kb / 12P
   Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM27761 TI1-LM27761_16 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
[Old version datasheet]   Low Noise Regulated Switched Capacitor Voltage Inverter
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
   Switched Capacitor Voltage Inverter
logo
Analog Devices
ADP3605ARZ AD-ADP3605ARZ Datasheet
233Kb / 12P
   120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com