Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1504 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1504
Description  500mA Low Voltage Step-Down Synchronous Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1504 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1504 Datasheet HTML 4Page - Linear Technology LTC1504 Datasheet HTML 5Page - Linear Technology LTC1504 Datasheet HTML 6Page - Linear Technology LTC1504 Datasheet HTML 7Page - Linear Technology LTC1504 Datasheet HTML 8Page - Linear Technology LTC1504 Datasheet HTML 9Page - Linear Technology LTC1504 Datasheet HTML 10Page - Linear Technology LTC1504 Datasheet HTML 11Page - Linear Technology LTC1504 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1504
APPLICATIONS INFORMATION
C of the output stage form a 2nd order roll-off with 180
° of
phase shift; the R due to ESR forms a single zero at a
somewhat higher frequency that reduces the roll-off to
first order and reduces the phase shift to 90
°.
If the output capacitor has a relatively high ESR, the zero
comes in well before the initial phase shift gets all the way
to 180
° and the loop only requires a single small capacitor
from COMP to GND to remain stable (Figure 4a). If, on the
other hand, the output capacitor is a low ESR type to
maximize transient response, the ESR zero can increase in
frequency by a decade or more and the output stage phase
shift can get awfully close to 180
° before it turns around
and comes back to 90
°. Large value ceramic, OS-CON
electrolytic and low impedance tantalum capacitors fall
into this category. These loops require an additional zero
to be inserted at the COMP pin; a series RC in parallel with
a smaller C to ground will usually ensure stability. Figure
4b shows a typical compensation network which will
optimize transient response with most output capacitors.
Adjustable output parts can add a feedforward capacitor
across the feedback resistor divider to further improve
phase margin. The typical applications in this data sheet
COMP
FB
CC
*ADJUSTABLE PARTS ONLY
1504 • F04a
LTC1504
RFB2*
RFB1*
VOUT
COMP
FB
CC
*ADJUSTABLE PARTS ONLY
1504 • F04b
LTC1504
CF
CFF*
RC
RFB2*
RFB1*
VOUT
Figure 4a. Minimum Compensation Network
Figure 4b. Optimum Compensation Network
show compensation values that work with several combi-
nations of external components—use them as a starting
point. For complex cases or stubborn oscillations, contact
the LTC Applications Department.
External Schottky Diode
An external Schottky diode can be included across the
internal N-channel switch (Q2) to improve efficiency at
heavy loads. The diode carries the inductor current during
the nonoverlap time while the LTC1504 turns Q1 off and
Q2 on and prevents current from flowing in the intrinsic
body diode in parallel with Q2. This diode will improve
efficiency by a percentage point or two as output current
approaches 500mA and can help minimize erratic behav-
ior at very high peak current levels caused by excessive
parasitic current flow through Q2. A Motorola MBRS0530L
is usually adequate, with the cathode connected to SW and
the anode connected to GND. Note that this diode is not
required for normal operation and has a negligible effect
on efficiency at low (< 250mA) output currents.
Soft Start and Current Limit
Soft start and current limit are linked in the LTC1504. Soft
start works in a straightforward manner. An internal 12
µA
current source connected to the SS pin will pull up an
external capacitor connected from SS to GND at a rate
determined by the capacitor value. COMP is clamped to a
voltage one diode drop above SS; as SS rises, COMP will
rise at the same rate. When COMP reaches roughly 2V
below VCC, the duty cycle will slowly begin to increase until
the output comes into regulation. As SS continues to rise,
the feedback amplifier takes over at COMP, the clamp
releases and SS rises to VCC. During a soft start cycle, the
MIN feedback comparator is disabled to prevent it from
overriding the COMP pin and forcing the output to maxi-
mum duty cycle.
Current limit operates by pulling down on the soft start pin
when it senses an overload condition at the output. The
current limit amplifier (ILIM) compares the voltage drop
across the internal P-channel switch (Q1) during its on
time to the voltage at the IMAX pin. IMAX includes an internal
12
µA pull-down, allowing the voltage to be set by a single
resistor between VCC and IMAX . When the IR drop across


Similar Part No. - LTC1504

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1504 LINER-LTC1504 Datasheet
249Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504A LINER-LTC1504A Datasheet
132Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504A LINER-LTC1504A Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
LTC1504A LINER-LTC1504A Datasheet
113Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504AC LINER-LTC1504AC Datasheet
132Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
More results

Similar Description - LTC1504

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1504A LINER-LTC1504A_15 Datasheet
113Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504 LINER-LTC1504 Datasheet
249Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504A LINER-LTC1504A Datasheet
132Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504IS8 LINER-LTC1504IS8 Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
   150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
Linear Technology
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
   Synchronous Step-Down Switching Regulator
logo
Semtech Corporation
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195 SEMTECH-SC195 Datasheet
338Kb / 18P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195 SEMTECH-SC195_10 Datasheet
497Kb / 20P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
logo
Monolithic Power System...
MP38115 MPS-MP38115 Datasheet
273Kb / 10P
   Ultra Low Voltage, 4A, 5.5V Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com