Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1734 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1734
Description  Lithium-Ion Linear Battery Charger in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1734 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1734 Datasheet HTML 4Page - Linear Technology LTC1734 Datasheet HTML 5Page - Linear Technology LTC1734 Datasheet HTML 6Page - Linear Technology LTC1734 Datasheet HTML 7Page - Linear Technology LTC1734 Datasheet HTML 8Page - Linear Technology LTC1734 Datasheet HTML 9Page - Linear Technology LTC1734 Datasheet HTML 10Page - Linear Technology LTC1734 Datasheet HTML 11Page - Linear Technology LTC1734 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1734
Once the maximum power dissipation and VCE(MIN) are
known, Table 1 can be used as a guide in selecting some
PNPs to consider. In the table, very low VCESAT is less than
0.25V, low VCESAT is 0.25V to 0.5V and the others are 0.5V
to 0.8V all depending on the current. See the manufacturer’s
data sheet for details. All of the PNP transistors are rated
to carry at least 1A continuously as long as the power
dissipation is within limits. The Stability section addresses
caution in the use of high beta PNPs.
Should overheating of the PNP transistor be a concern,
protection can be achieved with a positive temperature
coefficient (PTC) thermistor, wired in series with the
current programming resistor and thermally coupled to
the transistor. The PTH9C chip series from Murata has a
steep resistance increase at temperature thresholds from
85
°C to 145°C making it behave somewhat like a thermo-
stat switch. For example, the model PTH9C16TBA471Q
thermistor is 470
Ω at 25°C, but abruptly increase its
resistance to 4.7k at 125
°C. Below 125°C, the device
exhibits a small negative TC. The 470
Ω thermistor can be
added in series with a 1.6k resistor to form the current
programming resistor for a 700mA charger. Should the
thermistor reach 125
°C, the charge current will drop to
238mA and inhibit any further increase in temperature.
Stability
The LTC1734 contains two control loops: constant voltage
and constant current. To maintain good AC stability in the
constant voltage mode, a capacitor of at least 4.7
µF is
usually required from BAT to ground. The battery and
interconnecting wires appear inductive at high frequen-
cies, and since these are in the feedback loop, this capaci-
tance may be necessary to compensate for the inductance.
This capacitor need not exceed 100
µF and its ESR can
range from near zero to several ohms depending on the
inductance to be compensated. In general, compensation
is optimal with a capacitance of 4.7
µF to 22µF and an ESR
of 0.5
Ω to 1.5Ω.
Using high beta PNP transistors (>300) and very low ESR
output capacitors (especially ceramic) reduces the phase
margin, possibly resulting in oscillation. Also, using high
value capacitors with very low ESRs will reduce the phase
margin. Adding a resistor of 0.5
Ω to 1.5Ω in series with
the capacitor will restore the phase margin.
In the constant current mode, the PROG pin is in the
feedback loop, not the battery. Because of this, capaci-
tance on this pin must be limited. Locating the program
resistor near the PROG pin and isolating the charge
current monitoring circuitry (if used) from the PROG pin
with a 1k to 10k resistor may be necessary if the capaci-
tance is greater than that given by the following equation:
C
k
R
MAX pF
PROG
() =
400
APPLICATIONS INFORMATION
Table 1. PNP Pass Transistor Selection Guide
Maximum PD (W)
Mounted on Board
at TA = 25°C
Package Style
ZETEX Part Number
ROHM Part Number
Comments
0.5
SOT-23
FMMT549
Low VCESAT
0.625
SOT-23
FMMT720
Very Low VCESAT, High Beta
1
SOT-89
FCX589 or BCX69
1.1
SOT-23-6
ZXT10P12DE6
Very Low VCESAT, High Beta, Small
1 to 2
SOT-89
FCX717
Very Low VCESAT, High Beta
2
SOT-223
FZT589
Low VCESAT
2
SOT-223
BCP69 or FZT549
0.75
FTR
2SB822
Low VCESAT
1
ATV
2SB1443
Low VCESAT
2
SOT-89
2SA1797
Low VCESAT
10 (TC = 25°C)
TO-252
2SB1182
Low VCESAT, High Beta


Similar Part No. - LTC1734

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1734 LINER-LTC1734 Datasheet
188Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
logo
Linear Integrated Syste...
LTC1734 LINEAR-LTC1734 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC1734 LINER-LTC1734 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC1734 LINER-LTC1734 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC1734 LINER-LTC1734 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
More results

Similar Description - LTC1734

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1734 LINER-LTC1734 Datasheet
188Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734L LINER-LTC1734L Datasheet
184Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734L LINER-LTC1734L_15 Datasheet
194Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
   Lithium-Ion Linear Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
   Linear Lithium-ion Battery Charger
logo
Linear Technology
LTC4054L-4.2 LINER-LTC4054L-4.2 Datasheet
191Kb / 16P
   150mA Standalone Linear Li-Ion Battery Charger in ThinSOT
LTC4054L-4.2 LINER-LTC4054L-4.2_15 Datasheet
220Kb / 16P
   150mA Standalone Linear Li-Ion Battery Charger in ThinSOT
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com