Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1734L Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1734L
Description  Lithium-Ion Linear Battery Charger in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1734L Datasheet(HTML) 3 Page - Linear Technology

  LTC1734L Datasheet HTML 1Page - Linear Technology LTC1734L Datasheet HTML 2Page - Linear Technology LTC1734L Datasheet HTML 3Page - Linear Technology LTC1734L Datasheet HTML 4Page - Linear Technology LTC1734L Datasheet HTML 5Page - Linear Technology LTC1734L Datasheet HTML 6Page - Linear Technology LTC1734L Datasheet HTML 7Page - Linear Technology LTC1734L Datasheet HTML 8Page - Linear Technology LTC1734L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1734L
1734lf
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, GND = 0V and VBAT is equal to the float voltage unless
otherwise noted. All current into a pin is positive and current out of a pin is negative. All voltages are referenced to GND, unless
otherwise specified.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Charger Manual Control
VMSDT
Manual Shutdown Threshold
VPROG Increasing
q
2.05
2.15
2.25
V
VMSHYS
Manual Shutdown Hysteresis
VPROG Decreasing from VMSDT
90
mV
IPROGPU
Program Pin Pull-Up Current
VPROG = 2.5V
– 6
– 3
– 1.5
µA
Protection
IDSHRT
Drive Output Short-Circuit Current Limit
VDRIVE = VCC
q
35
65
130
mA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC1734LE is guaranteed to meet performance specifications
from 0
°C to 70°C ambient temperature range and 0°C to 100°C junction
temperature range. Specifications over the – 40
°C to 85°C operating
ambient temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: Assumes that the external PNP pass transistor has negligible B-C
reverse-leakage current when the collector is biased at 4.2V (VBAT) and the
base is biased at 5V (VCC).
Note 4: Assumes that the external PNP pass transistor has negligible B-E
reverse-leakage current when the emitter is biased at 0V (VCC) and the
base is biased at 4.2V (VBAT).
Note 5: The 4.68V maximum undervoltage lockout (UVLO) exit threshold
must first be exceeded before the minimum VCC specification applies.
Short duration drops below the minimum VCC specification of several
microseconds or less are ignored by the UVLO. If manual shutdown is
entered, then VCC must be higher than the 4.68V maximum UVLO
threshold before manual shutdown can be exited. When operating near the
minimum VCC, a suitable PNP transistor with a low saturation voltage
must be used.
TYPICAL PERFOR A CE CHARACTERISTICS
Float Voltage vs Temperature
and Supply Voltage
TEMPERATURE (
°C)
–50
4.19
4.20
4.21
0
50
75
1734 G01
–25
25
100
125
IBAT = 10mA
PNP = FCX589
VCC = 8V
VCC = 4.55V
IBAT (mA)
0
4.199
4.200
4.201
50
100
125
1734 G02
25
75
150
175
VCC = 5V
TA = 25°C
PNP = FCX589
RPROG = 2100Ω
TEMPERATURE (
°C)
–50
48
49
50
51
52
0
50
75
1734 G03
–25
25
100
125
RPROG = 7.5k
PNP = FCX589
VCC = 4.55V AND 8V
Float Voltage vs IBAT
IBAT1 vs Temperature
and Supply Voltage


Similar Part No. - LTC1734L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1734L LINER-LTC1734L Datasheet
184Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
logo
Linear Integrated Syste...
LTC1734L LINEAR-LTC1734L Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC1734L LINER-LTC1734L Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC1734L LINER-LTC1734L Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC1734L LINER-LTC1734L Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
More results

Similar Description - LTC1734L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1734 LINER-LTC1734 Datasheet
188Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734L LINER-LTC1734L Datasheet
184Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734 LINER-LTC1734_15 Datasheet
193Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
   Lithium-Ion Linear Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
   Linear Lithium-ion Battery Charger
logo
Linear Technology
LTC4054L-4.2 LINER-LTC4054L-4.2 Datasheet
191Kb / 16P
   150mA Standalone Linear Li-Ion Battery Charger in ThinSOT
LTC4054L-4.2 LINER-LTC4054L-4.2_15 Datasheet
220Kb / 16P
   150mA Standalone Linear Li-Ion Battery Charger in ThinSOT
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com