Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1772B Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1772B
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772B Datasheet(HTML) 3 Page - Linear Technology

  LTC1772B_15 Datasheet HTML 1Page - Linear Technology LTC1772B_15 Datasheet HTML 2Page - Linear Technology LTC1772B_15 Datasheet HTML 3Page - Linear Technology LTC1772B_15 Datasheet HTML 4Page - Linear Technology LTC1772B_15 Datasheet HTML 5Page - Linear Technology LTC1772B_15 Datasheet HTML 6Page - Linear Technology LTC1772B_15 Datasheet HTML 7Page - Linear Technology LTC1772B_15 Datasheet HTML 8Page - Linear Technology LTC1772B_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC1772B
3
1772bfa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 4.2V unless otherwise specified. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFB Input Current
(Note 5)
10
50
nA
Overvoltage Protect Threshold
Measured at VFB
0.820
0.860
0.895
V
Overvoltage Protect Hysteresis
20
mV
Oscillator Frequency
VFB = 0.8V
VFB = 0V
500
550
120
650
kHz
kHz
Gate Drive Rise Time
CLOAD = 3000pF
40
ns
Gate Drive Fall Time
CLOAD = 3000pF
40
ns
Peak Current Sense Voltage
(Note 6)
105
mV
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC1772BE is guaranteed to meet specifications from 0°C to
85°C. Specifications over the –40°C to 85°C operating temperature range
are assured by design, characterization and correlation with statistical
process controls. The LTC1772BI is guaranteed to meet specifications over
the full –40°C to 85°C operating temperature range.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • θJA°C/W)
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 5: The LTC1772B is tested in a feedback loop that servos VFB to the
output of the error amplifier.
Note 6: Peak current sense voltage is reduced dependent on duty cycle to
a percentage of value as given in Figure 2.


Similar Part No. - LTC1772B_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1772B LINER-LTC1772B_1 Datasheet
228Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
More results

Similar Description - LTC1772B_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1772 LINER-LTC1772_1 Datasheet
167Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B_1 Datasheet
228Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B Datasheet
196Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772 LINER-LTC1772 Datasheet
188Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772 LINER-LTC1772_15 Datasheet
179Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1872 LINER-LTC1872 Datasheet
182Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
LTC1872 LINER-LTC1872_15 Datasheet
193Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
logo
Analog Devices
ADP1864 AD-ADP1864 Datasheet
264Kb / 16P
   Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
REV. 0
logo
Linear Technology
LTC1874 LINER-LTC1874_15 Datasheet
191Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1874 LINER-LTC1874 Datasheet
180Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com