Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1779 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1779
Description  250mA Current Mode Step-Down DC/DC Converter in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1779 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1779 Datasheet HTML 4Page - Linear Technology LTC1779 Datasheet HTML 5Page - Linear Technology LTC1779 Datasheet HTML 6Page - Linear Technology LTC1779 Datasheet HTML 7Page - Linear Technology LTC1779 Datasheet HTML 8Page - Linear Technology LTC1779 Datasheet HTML 9Page - Linear Technology LTC1779 Datasheet HTML 10Page - Linear Technology LTC1779 Datasheet HTML 11Page - Linear Technology LTC1779 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1779
Although all dissipative elements in the circuit produce
losses, four main sources usually account for most of the
losses in LTC1779 circuits: 1) LTC1779 DC bias current,
2) MOSFET gate charge current, 3) I2R losses and 4)
voltage drop of the output diode.
1. The VIN current is the DC supply current, given in the
electrical characteristics, that excludes MOSFET driver
and control currents. VIN current results in a small loss
which increases with VIN.
2. MOSFET gate charge current results from switching
the gate capacitance of the internal power MOSFET.
Each time the MOSFET gate is switched from low to
high to low again, a packet of charge dQ moves from
VIN to ground. The resulting dQ/dt is a current out of
VIN which is typically much larger than the DC supply
current. In continuous mode, IGATECHG = f(Qp).
3. I2R losses are predicted from the DC resistances of the
internal MOSFET, inductor and current shunt. In con-
tinuous mode the average output current flows through
L but is “chopped” between the internal P-channel
MOSFET in series with RSENSE and the output diode.
The MOSFET RDS(ON) plus RSENSE multiplied by duty
cycle can be summed with the resistances of L and
RSENSE to obtain I2R losses.
4. The output diode is a major source of power loss at
high currents and gets worse at high input voltages.
The diode loss is calculated by multiplying the forward
voltage times the diode duty cycle multiplied by the
load current. For example, assuming a duty cycle of
50% with a Schottky diode forward voltage drop of
0.4V, the loss increases from 0.5% to 8% as the load
current increases from 0.5A to 2A.
5. Transition losses apply to the internal MOSFET and
increase at higher operating frequencies and input
voltages. Transition losses can be estimated from:
Transition Loss = 2(VIN)2IO(MAX)CRSS(f)
Other losses including CIN and COUT ESR dissipative
losses, and inductor core losses, generally account for
less than 2% total additional loss.
Figure 5. Setting Output Voltage
3
VFB
VOUT
LTC1779
R1
1779 F05
R2
Setting Output Voltage
The LTC1779 develops a 0.8V reference voltage between
the feedback (Pin 3) terminal and ground (see Figure 5). By
selecting resistor R1, a constant current is caused to flow
through R1 and R2 to set the overall output voltage. The
regulated output voltage is determined by:
V
R
R
OUT =+


08 1
2
1
.
For most applications, an 80k resistor is suggested for R1.
To prevent stray pickup, locate resistors R1 and R2 close
to LTC1779.
APPLICATIO S I FOR ATIO
Figure 4. Line Regulation of VREF and VITH
INPUT VOLTAGE (V)
2.0
105
100
95
90
85
80
75
2.2
2.4
2.6
2.8
1779 F04
3.0
VREF
VITH
Efficiency Considerations
The efficiency of a switching regulator is equal to the
output power divided by the input power times 100%. It is
often useful to analyze individual losses to determine what
is limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
Efficiency = 100% – (
η1 + η2 + η3 + ...)
where
η1, η2, etc. are the individual losses as a percent-
age of input power.


Similar Part No. - LTC1779

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1779 LINER-LTC1779 Datasheet
190Kb / 12P
   250mA Current Mode Step-Down DC/DC Converter in ThinSOT
LTC1779 LINER-LTC1779 Datasheet
229Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC1779ES6 LINER-LTC1779ES6 Datasheet
190Kb / 12P
   250mA Current Mode Step-Down DC/DC Converter in ThinSOT
More results

Similar Description - LTC1779

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1779 LINER-LTC1779 Datasheet
190Kb / 12P
   250mA Current Mode Step-Down DC/DC Converter in ThinSOT
logo
Asahi Kasei Microsystem...
AP2403 AKM-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
Linear Technology
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B Datasheet
199Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Linear Technology
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com