Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1911-1.5 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1911-1.5
Description  Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1911-1.5 Datasheet(HTML) 2 Page - Linear Technology

  LTC1911-1.5 Datasheet HTML 1Page - Linear Technology LTC1911-1.5 Datasheet HTML 2Page - Linear Technology LTC1911-1.5 Datasheet HTML 3Page - Linear Technology LTC1911-1.5 Datasheet HTML 4Page - Linear Technology LTC1911-1.5 Datasheet HTML 5Page - Linear Technology LTC1911-1.5 Datasheet HTML 6Page - Linear Technology LTC1911-1.5 Datasheet HTML 7Page - Linear Technology LTC1911-1.5 Datasheet HTML 8Page - Linear Technology LTC1911-1.5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1911-1.5/LTC1911-1.8
1911f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
q
2.7
5.5
V
VOUT
LTC1911-1.5, 0mA
≤ IOUT ≤ 250mA, VIN = 2.7V to 5.5V
q
1.44
1.5
1.56
V
LTC1911-1.8, 0mA
≤ IOUT ≤ 250mA, VIN = 2.7V to 5.5V
q
1.73
1.8
1.87
V
VIN Operating Current
IOUT = 0mA, VIN = 2.7V to 5.5V
q
180
350
µA
VIN Shutdown Current
SS/SHDN = 0V, VIN = 2.7V to 5.5V
q
10
20
µA
Output Ripple
IOUT = 10mA
5
mVP-P
IOUT = 250mA
12
mVP-P
VOUT Short-Circuit Current
VOUT = 0V
600
mA
Switching Frequency
Oscillator Free Running
1.2
1.5
1.8
MHz
SS/SHDN Input Threshold
q
0.3
0.6
1
V
SS/SHDN Soft-Start Current
VSS/SHDN = 0V (Note 3)
q
–5
–2
–1
µA
VSS/SHDN = VIN
0.01
µA
Turn-On Time
CSS = 0pF, VIN = 3.3V
0.03
ms
CSS = 10nF, VIN = 3.3V
10
ms
Load Regulation
0V
≤ IOUT ≤ 250mA
0.13
mV/mA
Line Regulation
0V
≤ IOUT ≤ 250mA
0.3
%/V
(Note 1)
VIN to GND ...................................................– 0.3V to 6V
SS/SHDN to GND ........................ – 0.3V to (VIN + 0.3V)
VOUT Short-Circuit Duration ............................ Indefinite
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................. – 40
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LTC1911EMS8-1.5
LTC1911EMS8-1.8
TJMAX = 125°C, θJA = 160°C/ W
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = 3.6V, C1 = 1µF, C2 = 1µF, CIN = 10µF, COUT = 10µF unless
otherwise noted.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
MS8 PART MARKING
1
2
3
4
VIN
C2+
C2
GND
8
7
6
5
SS/SHDN
C1+
VOUT
C1
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
LTMY
LTNU
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC1911E is guaranteed to meet specified performance from
0
°C to 70°C. Specifications over the –40°C to 85°C operating temperature
range are assured by design, characterization and correlation with
statistical process controls.
Note 3: Currents flowing into the device are positive polarity. Currents
flowing out of the device are negative polarity.
Consult LTC Marketing for parts specified with wider operating temperature ranges.


Similar Part No. - LTC1911-1.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1911-1.5 LINER-LTC1911-1.5 Datasheet
209Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
More results

Similar Description - LTC1911-1.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1911-15 LINER-LTC1911-15 Datasheet
194Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250-1.5 LINER-LTC3250-1.5_15 Datasheet
331Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3250-1.2 LINER-LTC3250-1.2_15 Datasheet
331Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5 Datasheet
209Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.8 LINER-LTC1911-1.8_15 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250 LINER-LTC3250 Datasheet
326Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251 LINER-LTC3251 Datasheet
439Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251-1.5 LINER-LTC3251-1.5_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251-1.2 LINER-LTC3251-1.2_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251 LINER-LTC3251_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com