Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3249 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3249
Description  M24LR series internal capacitance considerations for antenna tuning
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3249 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3249 Datasheet HTML 1Page - STMicroelectronics AN3249 Datasheet HTML 2Page - STMicroelectronics AN3249 Datasheet HTML 3Page - STMicroelectronics AN3249 Datasheet HTML 4Page - STMicroelectronics AN3249 Datasheet HTML 5Page - STMicroelectronics AN3249 Datasheet HTML 6Page - STMicroelectronics AN3249 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
December 2013
DocID017760 Rev 2
1/7
AN3249
Application note
M24LR series internal capacitance considerations
for antenna tuning
1
Introduction
The datasheet of the M24LR series devices(a) specifies a typical internal tuning capacitance
value of 27.5 pF measured at 0.5 VPEAK. While this value is correct in production test
conditions, more considerations have to be taken into account for tuning the antenna in an
real application environment. This document describes the M24LR series tuning
capacitance variation as a function of input voltage, explains the M24LR series tuning
capacitance specification and gives a robust tuning capacitance target for the inductive loop
antenna design.
a. I2C/ISO15693 Dual Interface EEPROM IC
Table 1: Applicable products
Type
Applicable products
Dual Interface EEPROM
M24LR series(1)
1. While the considerations introduced in this document applies to the entire M24LR series, the M24LR64-R
has been used hereafter for specific measurements purpose.
www.st.com


Similar Part No. - AN3249

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3240 STMICROELECTRONICS-AN3240 Datasheet
1Mb / 32P
   Ultrasound HV pulser demonstration board
AN3244 STMICROELECTRONICS-AN3244 Datasheet
565Kb / 9P
   EVAL6230QR demonstration board
AN3245 STMICROELECTRONICS-AN3245 Datasheet
348Kb / 19P
   A hardware and software guide for the STMPE1801 Xpander
AN3248 STMICROELECTRONICS-AN3248 Datasheet
323Kb / 17P
   Using STM32L1 analog comparators in application cases
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
More results

Similar Description - AN3249

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3315B0100 PULSE-W3315B0100 Datasheet
976Kb / 10P
   Internal Antenna
logo
Hitachi Semiconductor
HVU300A HITACHI-HVU300A Datasheet
26Kb / 5P
   Variable Capacitance Diode for Electronic Tuning
logo
Pulse A Technitrol Comp...
W3334B0150 PULSE-W3334B0150 Datasheet
1Mb / 14P
   Internal Antenna
logo
STMicroelectronics
STHVDAC-253M STMICROELECTRONICS-STHVDAC-253M Datasheet
543Kb / 27P
   Antenna tuning circuit
February 2014 Rev 1
logo
Leshan Radio Company
HVU200A LRC-HVU200A Datasheet
49Kb / 2P
   Variable Capacitance Diode for Electronic Tuning
HVU300A LRC-HVU300A Datasheet
46Kb / 2P
   Variable Capacitance Diode for Electronic Tuning
logo
Hitachi Semiconductor
HVU202A HITACHI-HVU202A Datasheet
26Kb / 5P
   Variable Capacitance Diode for Electronic Tuning
logo
Leshan Radio Company
HVC200A LRC-HVC200A Datasheet
50Kb / 2P
   Variable Capacitance Diode for Electronic Tuning
logo
Renesas Technology Corp
HVU202A RENESAS-HVU202A Datasheet
240Kb / 5P
   Variable Capacitance Diode for Electronic Tuning
logo
Hitachi Semiconductor
HVU200A HITACHI-HVU200A Datasheet
26Kb / 5P
   Variable Capacitance Diode for Electronic Tuning
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com