Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V20WM100C-M3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # V20WM100C-M3
Description  Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.53 V at IF = 5 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V20WM100C-M3 Datasheet(HTML) 3 Page - Vishay Siliconix

  V20WM100C-M3_15 Datasheet HTML 1Page - Vishay Siliconix V20WM100C-M3_15 Datasheet HTML 2Page - Vishay Siliconix V20WM100C-M3_15 Datasheet HTML 3Page - Vishay Siliconix V20WM100C-M3_15 Datasheet HTML 4Page - Vishay Siliconix V20WM100C-M3_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
V20WM100C-M3
www.vishay.com
Vishay General Semiconductor
Revision: 04-Dec-13
3
Document Number: 89978
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance Per Device
0.1
1
10
100
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Instantaneous Forward Voltage (V)
T
A = 150 °C
T
A = 25 °C
T
A = 100 °C
T
A = 125 °C
0.0001
0.001
0.01
0.1
1
10
100
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 125 °C
T
A = 100 °C
T
A = 25 °C
10
100
1000
10 000
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.1
1
10
0.01
0.1
1
10
100
t - Pulse Duration (s)
Junction to Case


Similar Part No. - V20WM100C-M3_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20WM100C-M3 VISHAY-V20WM100C-M3_15 Datasheet
115Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
More results

Similar Description - V20WM100C-M3_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30M100M-E3 VISHAY-V30M100M-E3 Datasheet
99Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.53 V at IF = 5 A
Revision: 11-May-16
VBT2080C-M3 VISHAY-VBT2080C-M3 Datasheet
90Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 14-May-13
VBT3080C-M3 VISHAY-VBT3080C-M3 Datasheet
89Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
Revision: 14-May-13
VT2080C-E3 VISHAY-VT2080C-E3 Datasheet
158Kb / 6P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 14-Dec-16
VFT3080S-M3 VISHAY-VFT3080S-M3 Datasheet
89Kb / 4P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Revision: 11-Sep-13
VBT2080S-M3 VISHAY-VBT2080S-M3 Datasheet
95Kb / 4P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
Revision: 14-May-13
VBT1080S-M3 VISHAY-VBT1080S-M3 Datasheet
90Kb / 4P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 14-May-13
VBT3080S-M3 VISHAY-VBT3080S-M3 Datasheet
88Kb / 4P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Revision: 14-May-13
VT760-E3 VISHAY-VT760-E3 Datasheet
141Kb / 6P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 15-Dec-16
VT3080S-E3 VISHAY-VT3080S-E3 Datasheet
157Kb / 6P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Revision: 14-Dec-16
VE2045C-E3 VISHAY-VE2045C-E3 Datasheet
122Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.42 V at IF = 5 A
Revision: 20-Dec-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com