Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-25CTQ035SPbF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-25CTQ035SPbF
Description  Schottky Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-25CTQ035SPbF Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-25CTQ035SPbF Datasheet HTML 1Page - Vishay Siliconix VS-25CTQ035SPbF Datasheet HTML 2Page - Vishay Siliconix VS-25CTQ035SPbF Datasheet HTML 3Page - Vishay Siliconix VS-25CTQ035SPbF Datasheet HTML 4Page - Vishay Siliconix VS-25CTQ035SPbF Datasheet HTML 5Page - Vishay Siliconix VS-25CTQ035SPbF Datasheet HTML 6Page - Vishay Siliconix VS-25CTQ035SPbF Datasheet HTML 7Page - Vishay Siliconix VS-25CTQ035SPbF Datasheet HTML 8Page - Vishay Siliconix VS-25CTQ035SPbF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Document Number: 95014
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 31-Mar-09
For technical questions concerning module products, contact: ind-modules@vishay.com
1
D2PAK, TO-262
Outline Dimensions
Vishay High Power Products
DIMENSIONS FOR D2PAK in millimeters and inches
Notes
(1) Dimensioning and tolerancing per ASME Y14.5 M-1994
(2) Dimension D and E do not include mold flash. Mold flash shall not
exceed 0.127 mm (0.005") per side. These dimensions are
measured at the outmost extremes of the plastic body
(3) Thermal pad contour optional within dimension E, L1, D1 and E1
(4) Dimension b1 and c1 apply to base metal only
(5) Datum A and B to be determined at datum plane H
(6) Controlling dimension: inch
(7) Outline conforms to JEDEC outline TO-263AB
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
D1
6.86
8.00
0.270
0.315
3
A1
0.00
0.254
0.000
0.010
E
9.65
10.67
0.380
0.420
2, 3
b
0.51
0.99
0.020
0.039
E1
7.90
8.80
0.311
0.346
3
b1
0.51
0.89
0.020
0.035
4
e
2.54 BSC
0.100 BSC
b2
1.14
1.78
0.045
0.070
H
14.61
15.88
0.575
0.625
b3
1.14
1.73
0.045
0.068
4
L
1.78
2.79
0.070
0.110
c
0.38
0.74
0.015
0.029
L1
-
1.65
-
0.066
3
c1
0.38
0.58
0.015
0.023
4
L2
1.27
1.78
0.050
0.070
c2
1.14
1.65
0.045
0.065
L3
0.25 BSC
0.010 BSC
D
8.51
9.65
0.335
0.380
2
L4
4.78
5.28
0.188
0.208
c
B
Detail A
c2
A
A
A
± 0.004
B
M
A
Lead tip
(3)
(3)
View A - A
(E)
(D1)
E1
B
H
A1
Detail “A”
Rotated 90 °CW
Scale: 8:1
L
Gauge
plane
0° to 8°
L3
L4
Seating
plane
Section B - B and C - C
Scale: None
(4)
(4)
(b, b2)
b1, b3
(c)
c1
Base
Metal
Plating
Conforms to JEDEC outline D2PAK (SMD-220)
13
2
D
C
A
L2
E
(2)(3)
(2)
4
H
BB
2 x b
2 x b2
L1
0.010
A
B
MM
(3)
e
2 x
Pad layout
MIN.
11.00
(0.43)
MIN.
9.65
(0.38)
MIN.
3.81
(0.15)
MIN.
2.32
(0.08)
17.90 (0.70)
15.00 (0.625)
2.64 (0.103)
2.41 (0.096)
Lead assignments
Diodes
1. - Anode (two die)/open (one die)
2., 4. - Cathode
3. - Anode


Similar Part No. - VS-25CTQ035SPbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25CTQ035SPBF VISHAY-VS-25CTQ035SPBF Datasheet
180Kb / 8P
   Schottky Rectifier, 2 x 15 A
Revision: 12-Mar-10
More results

Similar Description - VS-25CTQ035SPbF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com