Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-20TQ045PbF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-20TQ045PbF
Description  Schottky Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-20TQ045PbF Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-20TQ045PbF Datasheet HTML 1Page - Vishay Siliconix VS-20TQ045PbF Datasheet HTML 2Page - Vishay Siliconix VS-20TQ045PbF Datasheet HTML 3Page - Vishay Siliconix VS-20TQ045PbF Datasheet HTML 4Page - Vishay Siliconix VS-20TQ045PbF Datasheet HTML 5Page - Vishay Siliconix VS-20TQ045PbF Datasheet HTML 6Page - Vishay Siliconix VS-20TQ045PbF Datasheet HTML 7Page - Vishay Siliconix VS-20TQ045PbF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Document Number: 95221
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 07-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
TO-220AC
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Lead dimension and finish uncontrolled in L1
(3) Dimension D, D1 and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured
at the outermost extremes of the plastic body
(4) Dimension b1, b3 and c1 apply to base metal only
(5) Controlling dimension: inches
(6) Thermal pad contour optional within dimensions E, H1, D2 and E1
(7) Dimension E2 x H1 define a zone where stamping and singulation irregularities are allowed
(8) Outline conforms to JEDEC TO-220, D2 (minimum) where dimensions are derived from the actual package outline
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.25
4.65
0.167
0.183
E1
6.86
8.89
0.270
0.350
6
A1
1.14
1.40
0.045
0.055
E2
-
0.76
-
0.030
7
A2
2.56
2.92
0.101
0.115
e
2.41
2.67
0.095
0.105
b
0.69
1.01
0.027
0.040
e1
4.88
5.28
0.192
0.208
b1
0.38
0.97
0.015
0.038
4
H1
6.09
6.48
0.240
0.255
6, 7
b2
1.20
1.73
0.047
0.068
L
13.52
14.02
0.532
0.552
b3
1.14
1.73
0.045
0.068
4
L1
3.32
3.82
0.131
0.150
2
c
0.36
0.61
0.014
0.024
L3
1.78
2.13
0.070
0.084
c1
0.36
0.56
0.014
0.022
4
L4
0.76
1.27
0.030
0.050
2
D
14.85
15.25
0.585
0.600
3
Ø P
3.54
3.73
0.139
0.147
D1
8.38
9.02
0.330
0.355
Q
2.60
3.00
0.102
0.118
D2
11.68
12.88
0.460
0.507
6
90° to 93°
90° to 93°
E
10.11
10.51
0.398
0.414
3, 6
13
2
D
D1
H1
Q
Detail B
C
A
B
L
e1
Lead tip
L4
L3
E
E2
Ø P
0.015
A
B
MM
0.014
A
B
MM
Seating
plane
c
A2
A1
A
A
A
Lead assignments
Diodes
1 + 2 - Cathode
3 - Anode
Conforms to JEDEC outline TO-220AC
(6)
(6)
(7)
(6)
(7)
View A - A
θ
E1
(6)
D2
(6)
H1
Thermal pad
E
Detail B
D
L1
D
12
3
C
C
2 x b2
2 x b


Similar Part No. - VS-20TQ045PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20TQ045PBF VISHAY-VS-20TQ045PBF Datasheet
165Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
VS-20TQ045PbF VISHAY-VS-20TQ045PbF Datasheet
169Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
More results

Similar Description - VS-20TQ045PbF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com