Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-30CTQ040-N3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-30CTQ040-N3
Description  Schottky Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-30CTQ040-N3 Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-30CTQ040-N3 Datasheet HTML 1Page - Vishay Siliconix VS-30CTQ040-N3 Datasheet HTML 2Page - Vishay Siliconix VS-30CTQ040-N3 Datasheet HTML 3Page - Vishay Siliconix VS-30CTQ040-N3 Datasheet HTML 4Page - Vishay Siliconix VS-30CTQ040-N3 Datasheet HTML 5Page - Vishay Siliconix VS-30CTQ040-N3 Datasheet HTML 6Page - Vishay Siliconix VS-30CTQ040-N3 Datasheet HTML 7Page - Vishay Siliconix VS-30CTQ040-N3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VS-30CTQ0..PbF Series, VS-30CTQ0..-N3 Series
www.vishay.com
Vishay Semiconductors
Revision: 26-Aug-11
1
Document Number: 94187
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Schottky Rectifier, 2 x 15 A
FEATURES
• 175 °C TJ operation
• Very low forward voltage drop
• High frequency operation
• High
purity,
high
temperature
epoxy
encapsulation for enhanced mechanical strength
and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified according to JEDEC-JESD47
• Halogen-free according to IEC 61249-2-21 definition
(-N3 only)
DESCRIPTION
The VS-30CTQ... center tap Schottky rectifier has been
optimized for very low forward voltage drop, with moderate
leakage. The proprietary barrier technology allows for
reliable operation up to 175 °C junction temperature. Typical
applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
PRODUCT SUMMARY
Package
TO-220AB
IF(AV)
2 x 15 A
VR
35 V, 40 V, 45 V
VF at IF
0.56 V
IRM max.
15 mA at 125 °C
TJ max.
175 °C
Diode variation
Common cathode
EAS
20 mJ
Anode
13
2
Base
common
cathode
2
Common
cathode
Anode
TO-220AB
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
30
A
VRRM
35 to 45
V
IFSM
tp = 5 μs sine
1060
A
VF
15 Apk, TJ = 125 °C (per leg)
0.56
V
TJ
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-
30CTQ035PbF
VS-
30CTQ035-N3
VS-
30CTQ040PbF
VS-
30CTQ040-N3
VS-
30CTQ045PbF
VS-
30CTQ045-N3
UNITS
Maximum DC
reverse voltage
VR
35
35
40
40
45
45
V
Maximum working
peak reverse
voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 127 °C, rectangular waveform
30
A
Maximum peak one cycle non-repetitive
surge current per leg
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
1060
10 ms sine or 6 ms rect. pulse
265
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 3.0 A, L = 4.40 mH
20
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
3.0
A


Similar Part No. - VS-30CTQ040-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTQ040-1-M3 VISHAY-VS-30CTQ040-1-M3 Datasheet
203Kb / 8P
   High Performance Schottky Rectifier, 2 x 15 A
Revision: 27-Oct-17
VS-30CTQ040-1HM3 VISHAY-VS-30CTQ040-1HM3 Datasheet
193Kb / 8P
   High Performance Schottky Rectifier, 2 x 15 A
Revision: 19-Nov-14
VS-30CTQ040-1PbF VISHAY-VS-30CTQ040-1PbF Datasheet
158Kb / 9P
   High Performance Schottky Rectifier
Revision: 08-Dec-14
VS-30CTQ040-1PBF VISHAY-VS-30CTQ040-1PBF Datasheet
164Kb / 8P
   High Performance Schottky Rectifier, 2 x 15 A
Revision: 08-Dec-14
VS-30CTQ040-M3 VISHAY-VS-30CTQ040-M3 Datasheet
171Kb / 7P
   High Performance Schottky Rectifier, 2 x 15 A
Revision: 17-Aug-17
More results

Similar Description - VS-30CTQ040-N3

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com