Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-30CTQ045-1PbF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-30CTQ045-1PbF
Description  High Performance Schottky Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-30CTQ045-1PbF Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-30CTQ045-1PbF Datasheet HTML 1Page - Vishay Siliconix VS-30CTQ045-1PbF Datasheet HTML 2Page - Vishay Siliconix VS-30CTQ045-1PbF Datasheet HTML 3Page - Vishay Siliconix VS-30CTQ045-1PbF Datasheet HTML 4Page - Vishay Siliconix VS-30CTQ045-1PbF Datasheet HTML 5Page - Vishay Siliconix VS-30CTQ045-1PbF Datasheet HTML 6Page - Vishay Siliconix VS-30CTQ045-1PbF Datasheet HTML 7Page - Vishay Siliconix VS-30CTQ045-1PbF Datasheet HTML 8Page - Vishay Siliconix VS-30CTQ045-1PbF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VS-30CTQ...SPbF, VS-30CTQ...-1PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 08-Dec-14
5
Document Number: 94188
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER REEL
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-30CTQ035SPBF
50
1000
Antistatic plastic tubes
VS-30CTQ035STRRPBF
800
800
13" diameter plastic tape and reel
VS-30CTQ035STRLPBF
800
800
13" diameter plastic tape and reel
VS-30CTQ035-1PBF
50
1000
Antistatic plastic tubes
VS-30CTQ040SPBF
50
1000
Antistatic plastic tubes
VS-30CTQ040STRRPBF
800
800
13" diameter plastic tape and reel
VS-30CTQ040STRLPBF
800
800
13" diameter plastic tape and reel
VS-30CTQ040-1PBF
50
1000
Antistatic plastic tubes
VS-30CTQ045SPBF
50
1000
Antistatic plastic tubes
VS-30CTQ045STRRPBF
800
800
13" diameter plastic tape and reel
VS-30CTQ045STRLPBF
800
800
13" diameter plastic tape and reel
VS-30CTQ045-1PBF
50
1000
Antistatic plastic tubes
LINKS TO RELATED DOCUMENTS
Dimensions
TO-263AB (D2PAK)
www.vishay.com/doc?95046
TO-262AA
www.vishay.com/doc?95419
Part marking information
www.vishay.com/doc?95008
Packaging information
www.vishay.com/doc?95032
035 = 35 V
040 = 40 V
045 = 45 V
2
-
Current rating (30 A)
3
-
Circuit configuration: C = common cathode
4
-
T = TO-220
5
-
Schottky “Q” series
6
-
Voltage ratings
7
-
S = D2PAK
-1 = TO-262
8
-
None = tube (50 pieces)
TRL = tape and reel (left oriented - for D2PAK only)
TRR = tape and reel (right oriented - for D2PAK only)
-
PbF = lead (Pb)-free
9
1
-Vishay Semiconductors product
Device code
5
1
3
2
4
6
7
8
9
VS-
30
C
T
Q
045
S
TRL PbF


Similar Part No. - VS-30CTQ045-1PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTQ045-1PBF VISHAY-VS-30CTQ045-1PBF Datasheet
164Kb / 8P
   High Performance Schottky Rectifier, 2 x 15 A
Revision: 08-Dec-14
More results

Similar Description - VS-30CTQ045-1PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20MQ060PBF VISHAY-VS-20MQ060PBF Datasheet
117Kb / 7P
   High Performance Schottky Rectifier
Revision: 16-Feb-15
VS-40L15CTSPBF VISHAY-VS-40L15CTSPBF_15 Datasheet
154Kb / 9P
   High Performance Schottky Rectifier
Revision: 24-Jul-14
VS-19TQ015SPBF VISHAY-VS-19TQ015SPBF Datasheet
153Kb / 8P
   High Performance Schottky Rectifier
Revision: 28-May-14
VS-47CTQ020SPBF VISHAY-VS-47CTQ020SPBF Datasheet
161Kb / 9P
   High Performance Schottky Rectifier
Revision: 09-Dec-14
VS-MBRS190-M3 VISHAY-VS-MBRS190-M3 Datasheet
125Kb / 8P
   High Performance Schottky Rectifier
Revision: 26-Aug-14
VS-120NQ045PBF VISHAY-VS-120NQ045PBF_17 Datasheet
140Kb / 6P
   High Performance Schottky Rectifier, 120 A
Revision: 11-May-17
VS-121NQ045PBF VISHAY-VS-121NQ045PBF_17 Datasheet
140Kb / 6P
   High Performance Schottky Rectifier, 120 A
Revision: 08-May-17
VS-180NQ045PBF VISHAY-VS-180NQ045PBF_17 Datasheet
142Kb / 6P
   High Performance Schottky Rectifier
Revision: 08-May-17
VS-242NQ030PBF VISHAY-VS-242NQ030PBF_17 Datasheet
141Kb / 6P
   High Performance Schottky Rectifier, 240 A
Revision: 08-May-17
VS-245NQ015PBF VISHAY-VS-245NQ015PBF_17 Datasheet
144Kb / 6P
   High Performance Schottky Rectifier
Revision: 08-May-17
VS-15MQ040NPBF VISHAY-VS-15MQ040NPBF Datasheet
128Kb / 7P
   High Performance Schottky Rectifier
Revision: 23-May-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com