Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-M23E881 Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-M23E881
Description  60.20mm (2.3) :u5.0 dot matrix LED display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-M23E881 Datasheet(HTML) 2 Page - BetLux Electronics

  BL-M23E881 Datasheet HTML 1Page - BetLux Electronics BL-M23E881 Datasheet HTML 2Page - BetLux Electronics BL-M23E881 Datasheet HTML 3Page - BetLux Electronics BL-M23E881 Datasheet HTML 4Page - BetLux Electronics BL-M23E881 Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LED DOT MATRIX
BL-M23X881
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Absolute maximum ratings (Ta=25°C)
Parameter
S
D
UR
E
Y
G
Unit
Forward Current
IF
25
25
25
25
25
30
mA
Power Dissipation Pd
60
60
60
60
60
65
mW
Reverse Voltage VR
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Max.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C
Absolute maximum ratings (Ta=25°C)
Parameter
UHR
UE
YO
UY
UG
PG
B
W
U
nit
Forward Current
IF
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
75
65
65
65
75
110
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
100
100
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Ma x.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C


Similar Part No. - BL-M23E881

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M23E881B BETLUX-BL-M23E881B Datasheet
158Kb / 4P
   LED DOT MATRIX
BL-M23E881D BETLUX-BL-M23E881D Datasheet
158Kb / 4P
   LED DOT MATRIX
BL-M23E881DUG BETLUX-BL-M23E881DUG Datasheet
152Kb / 3P
   LED DOT MATRIX
BL-M23E881DUGUB BETLUX-BL-M23E881DUGUB Datasheet
151Kb / 3P
   LED DOT MATRIX
BL-M23E881E BETLUX-BL-M23E881E Datasheet
158Kb / 4P
   LED DOT MATRIX
More results

Similar Description - BL-M23E881

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M23C881 BETLUX-BL-M23C881 Datasheet
364Kb / 5P
   60.20mm (2.3) :u5.0 dot matrix LED display
BL-M23A882 BETLUX-BL-M23A882 Datasheet
363Kb / 5P
   60.20mm (2.3) :u5.0 dot matrix LED display
BL-M23A881 BETLUX-BL-M23A881 Datasheet
360Kb / 5P
   60.20mm (2.3) :u5.0 dot matrix LED display
BL-M23C882 BETLUX-BL-M23C882 Datasheet
384Kb / 5P
   60.20mm (2.3) :u5.0 dot matrix LED display
BL-M23A881XXX BETLUX-BL-M23A881XXX Datasheet
333Kb / 4P
   60.20mm (2.3) :u5.0 dot matrix LED display, RGB COLOR
BL-M23C581 BETLUX-BL-M23C581 Datasheet
357Kb / 5P
   60.60mm (2.3) :u5.0 dot matrix LED display
BL-M23A883 BETLUX-BL-M23A883 Datasheet
344Kb / 5P
   60.96 mm (2.3) :u5.0 dot matrix LED display
logo
BRIGHT LED ELECTRONICS ...
BM-20688ND BRIGHT-BM-20688ND Datasheet
493Kb / 3P
   60.20mm (2.3) matrix height 8횞8 dot matrix display
logo
BetLux Electronics
BL-M20A881 BETLUX-BL-M20A881 Datasheet
364Kb / 5P
   49.45mm (2.0) :u5.0 dot matrix LED display
BL-M20A571 BETLUX-BL-M20A571 Datasheet
342Kb / 5P
   53.10mm (2.0) :u5.0 dot matrix LED display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com