Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD70F3035A Datasheet(PDF) 9 Page - NEC

Part # UPD70F3035A
Description  V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3035A Datasheet(HTML) 9 Page - NEC

Back Button UPD70F3035A Datasheet HTML 5Page - NEC UPD70F3035A Datasheet HTML 6Page - NEC UPD70F3035A Datasheet HTML 7Page - NEC UPD70F3035A Datasheet HTML 8Page - NEC UPD70F3035A Datasheet HTML 9Page - NEC UPD70F3035A Datasheet HTML 10Page - NEC UPD70F3035A Datasheet HTML 11Page - NEC UPD70F3035A Datasheet HTML 12Page - NEC UPD70F3035A Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Data Sheet U14780EJ1V0DS00
9
µµµµPD703034A, 703034AY, 703035A, 703035AY, 70F3035A, 70F3035AY
2. PIN FUNCTIONS
2.1 Port Pins
(1/2)
Pin Name
I/O
PULL
Function
Alternate Function
P00
NMI
P01
INTP0
P02
INTP1
P03
INTP2
P04
INTP3
P05
INTP4/ADTRG
P06
INTP5/RTPTRG
P07
I/O
Yes
Port 0
8-bit I/O port
Input/output can be specified in 1-bit units.
INTP6
P10
SI0/SDA0
P11
SO0
P12
SCK0/SCL0
P13
SI1/RXD0
P14
SO1/TXD0
P15
I/O
Yes
Port 1
6-bit I/O port
Input/output can be specified in 1-bit units.
SCK1/ASCK0
P20
SI2/SDA1
P21
SO2
P22
SCK2/SCL1
P23
SI3/RXD1
P24
SO3/TXD1
P25
SCK3/ASCK1
P26
TI2/TO2
P27
I/O
Yes
Port 2
8-bit I/O port
Input/output can be specified in 1-bit units.
TI3/TO3
P30
TI00
P31
TI01
P32
TI10/SI4
P33
TI11/SO4
P34
TO0/A13/SCK4
P35
TO1/A14
P36
TI4/TO4/A15
P37
I/O
Yes
Port 3
8-bit I/O port
Input/output can be specified in 1-bit units.
TI5/TO5
P40 to P47
I/O
No
Port 4
8-bit I/O port
Input/output can be specified in 1-bit units.
AD0 to AD7
P50 to P57
I/O
No
Port 5
8-bit I/O port
Input/output can be specified in 1-bit units.
AD8 to AD15
Remark
PULL: On-chip pull-up resistor


Similar Part No. - UPD70F3035A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD70F3032AGF-3BA RENESAS-UPD70F3032AGF-3BA Datasheet
513Kb / 54P
   MOS INTEGRATED CIRCUITS
2000
UPD70F3032AYGF-3BA RENESAS-UPD70F3032AYGF-3BA Datasheet
513Kb / 54P
   MOS INTEGRATED CIRCUITS
2000
logo
NEC
UPD70F3033A NEC-UPD70F3033A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3033AGC-8EU NEC-UPD70F3033AGC-8EU Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD70F3033AGC-8EU RENESAS-UPD70F3033AGC-8EU Datasheet
609Kb / 54P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD70F3035A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3017A NEC-UPD70F3017A Datasheet
337Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703014A NEC-UPD703014A Datasheet
309Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com