Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2612 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2612
Description  Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2612 Datasheet(HTML) 4 Page - Linear Technology

  LTC2612 Datasheet HTML 1Page - Linear Technology LTC2612 Datasheet HTML 2Page - Linear Technology LTC2612 Datasheet HTML 3Page - Linear Technology LTC2612 Datasheet HTML 4Page - Linear Technology LTC2612 Datasheet HTML 5Page - Linear Technology LTC2612 Datasheet HTML 6Page - Linear Technology LTC2612 Datasheet HTML 7Page - Linear Technology LTC2612 Datasheet HTML 8Page - Linear Technology LTC2612 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC2602/LTC2612/LTC2622
2602fa
TYPICAL PERFOR A CE CHARACTERISTICS
(LTC2602)
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
INL vs Temperature
CODE
0
16384
32768
49152
65535
2602 G20
32
24
16
8
0
–8
–16
–24
–32
VCC = 5V
VREF = 4.096V
CODE
0
16384
32768
49152
65535
2602 G21
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
TEMPERATURE (
°C)
–50
–30
–10
10
30
50
70
90
2602 G22
32
24
16
8
0
–8
–16
–24
–32
VCC = 5V
VREF = 4.096V
INL (POS)
INL (NEG)
TI I G CHARACTERISTICS The denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (See Figure 1) (Note 6)
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: Linearity and monotonicity are defined from code kL to code
2N – 1, where N is the resolution and kL is given by kL = 0.016(2N/VREF),
rounded to the nearest whole code. For VREF = 4.096V and N = 16, kL =
256 and linearity is defined from code 256 to code 65,535.
Note 3: Digital inputs at 0V or VCC.
Note 4: DC crosstalk is measured with VCC = 5V and VREF = 4.096V, with
the measured DAC at midscale, unless otherwise noted.
Note 5: RL = 2kΩ to GND or VCC at the output of the DAC not being tested.
Note 6: Guaranteed by design and not production tested.
Note 7: Inferred from measurement at code 256 (LTC2602), code 64
(LTC2612) or code 16 (LTC2622), and at fullscale.
Note 8: VCC = 5V, VREF = 4.096V. DAC is stepped 1/4 scale to 3/4 scale
and 3/4 scate to 1/4 scale. Load is 2k in parallel with 200pF to GND.
Note 9: VCC = 5V, VREF = 4.096V. DAC is stepped ±LBS between half scale
and half scale –1. Load is 2k in parallel with 200pF to GND.
LTC2602/LTC2612/LTC2622
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 2.5V to 5.5V
t1
SDI Valid to SCK Setup
4ns
t2
SDI Valid to SCK Hold
4ns
t3
SCK High Time
9ns
t4
SCK Low Time
9ns
t5
CS/LD Pulse Width
10
ns
t6
LSB SCK High to CS/LD High
7ns
t7
CS/LD Low to SCK High
7ns
t10
CS/LD High to SCK Positive Edge
7ns
SCK Frequency
50% Duty Cycle
50
MHz


Similar Part No. - LTC2612

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2612 LINER-LTC2612 Datasheet
346Kb / 16P
   Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
LTC2612 LINER-LTC2612 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2612 LINER-LTC2612 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2612 LINER-LTC2612 Datasheet
1Mb / 32P
   Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
LTC2612 LINER-LTC2612 Datasheet
2Mb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
More results

Similar Description - LTC2612

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2602 LINER-LTC2602 Datasheet
346Kb / 16P
   Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
LTC2602 LINER-LTC2602_15 Datasheet
306Kb / 16P
   Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
LTC2622 LINER-LTC2622_15 Datasheet
306Kb / 16P
   Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
LTC2601 LINER-LTC2601_15 Datasheet
246Kb / 16P
   16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2601 LINER-LTC2601 Datasheet
321Kb / 16P
   16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2611 LINER-LTC2611_15 Datasheet
246Kb / 16P
   16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2621 LINER-LTC2621_15 Datasheet
246Kb / 16P
   16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2625 LINER-LTC2625_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2615 LINER-LTC2615_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com