Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2900 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2900
Description  Programmable Quad Supply Monitor with Adjustable Reset Timer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2900 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2900_15 Datasheet HTML 6Page - Linear Technology LTC2900_15 Datasheet HTML 7Page - Linear Technology LTC2900_15 Datasheet HTML 8Page - Linear Technology LTC2900_15 Datasheet HTML 9Page - Linear Technology LTC2900_15 Datasheet HTML 10Page - Linear Technology LTC2900_15 Datasheet HTML 11Page - Linear Technology LTC2900_15 Datasheet HTML 12Page - Linear Technology LTC2900_15 Datasheet HTML 13Page - Linear Technology LTC2900_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC2900
2900f
APPLICATIO S I FOR ATIO
Figure 6. Setting the Negative Adjustable Trip Point
+
2900 F06
V4
VREF
9
8
VTRIP
R4
1%
R3
1%
LTC2900
sensed and ground, is connected to the high impedance
noninverting inputs (V3, V4). The trip voltage is calculated
from:
VV
R
R
TRIP =+


05
1
3
4
.
In the negative adjustable mode, the noninverting input on
the V4 comparator is connected to ground (Figure 6). The
tap point on an external resistive divider, connected be-
tween the negative voltage being sensed and the VREF pin,
is connected to the high impedance inverting input (V4).
VREF provides the necessary level shift required to operate
at ground. The trip voltage is calculated from:
VV
R
R
V
V No
al
TRIP
REF
REF
=


=
;
.
min
3
4
1 210
In a negative adjustable application, the minimum value
for R4 is limited by the sourcing capability of VREF (±1mA).
With no other load on VREF, R4 (minimum) is:
1.21V
÷ 1mA = 1.21kΩ.
Tables 2 and 3 offer suggested 1% resistor values for
various adjustable applications.
Table 2. Suggested 1% Resistor Values for the ADJ Inputs
VSUPPLY (V)
VTRIP (V)
R3 (k
Ω)
R4 (k
Ω)
12
11.25
2150
100
10
9.4
1780
100
8
7.5
1400
100
7.5
7
1300
100
6
5.6
1020
100
5
4.725
845
100
3.3
3.055
511
100
3
2.82
464
100
2.5
2.325
365
100
1.8
1.685
237
100
1.5
1.410
182
100
1.2
1.120
124
100
1
0.933
86.6
100
0.9
0.840
68.1
100
Table 3. Suggested 1% Resistor Values for the –ADJ Input
VSUPPLY (V)
VTRIP (V)
R3 (k
Ω)
R4 (k
Ω)
–2
–1.87
187
121
–5
–4.64
464
121
–5.2
–4.87
487
121
–10
–9.31
931
121
–12
–11.30
1130
121
Figure 5. Setting the Positive Adjustable Trip Point
+
+
0.5V
2900 F05
V3 OR V4
VTRIP
R3
1%
R4
1%
LTC2900


Similar Part No. - LTC2900_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2900-1CDD LINER-LTC2900-1CDD Datasheet
199Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer
LTC2900-1CMS LINER-LTC2900-1CMS Datasheet
199Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer
LTC2900-1IDD LINER-LTC2900-1IDD Datasheet
199Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer
LTC2900-1IMS LINER-LTC2900-1IMS Datasheet
199Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer
More results

Similar Description - LTC2900_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2900 LINER-LTC2900 Datasheet
199Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Technology
LTC2902 LINER-LTC2902_15 Datasheet
184Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC2932 LINER-LTC2932 Datasheet
249Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2932 LINER-LTC2932_15 Datasheet
245Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com