Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703025AGC-33 Datasheet(PDF) 2 Page - NEC

Part # UPD703025AGC-33
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703025AGC-33 Datasheet(HTML) 2 Page - NEC

  UPD703025AGC-33 Datasheet HTML 1Page - NEC UPD703025AGC-33 Datasheet HTML 2Page - NEC UPD703025AGC-33 Datasheet HTML 3Page - NEC UPD703025AGC-33 Datasheet HTML 4Page - NEC UPD703025AGC-33 Datasheet HTML 5Page - NEC UPD703025AGC-33 Datasheet HTML 6Page - NEC UPD703025AGC-33 Datasheet HTML 7Page - NEC UPD703025AGC-33 Datasheet HTML 8Page - NEC UPD703025AGC-33 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
µPD703003A, 703004A, 703025A
2
Data Sheet U13188EJ4V0DS00
ORDERING INFORMATION
Part Number
Package
Maximum
Internal Internal
Operating
ROM
RAM
Frequency (MHz) (Bytes)
(Bytes)
µPD703003AGC-25-xxx-8EU 100-pin plastic LQFP (fine pitch) (14 × 14 mm)
25
128 K
4 K
µPD703003AGC-33-xxx-8EU 100-pin plastic LQFP (fine pitch) (14 × 14 mm)
33
128 K
4 K
µPD703004AGC-25-xxx-8EU 100-pin plastic LQFP (fine pitch) (14 × 14 mm)
25
96 K
4 K
µPD703004AGC-33-xxx-8EU 100-pin plastic LQFP (fine pitch) (14 × 14 mm)
33
96 K
4 K
µPD703025AGC-25-xxx-8EU 100-pin plastic LQFP (fine pitch) (14 × 14 mm)
25
256 K
8 K
µPD703025AGC-33-xxx-8EU 100-pin plastic LQFP (fine pitch) (14 × 14 mm)
33
256 K
8 K
Remark xxx indicates ROM code suffix.
PIN CONFIGURATION
• 100-pin plastic LQFP (fine pitch) (14
× 14 mm)
µPD703003AGC-25-xxx-8EU
µPD703004AGC-33-xxx-8EU
µPD703003AGC-33-xxx-8EU
µPD703025AGC-25-xxx-8EU
µPD703004AGC-25-xxx-8EU
µPD703025AGC-33-xxx-8EU
Caution Connect the IC (Internally Connected) pin directly to VSS.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
P75/ANI5
P74/ANI4
P73/ANI3
P72/ANI2
P71/ANI1
P70/ANI0
ANO0
ANO1
AVREF2
AVREF3
P07/INTP113/ADTRG
P06/INTP112
P05/INTP111
P04/INTP110
P03/TI11
P02/TCLR11
P01/TO111
P00/TO110
P117/INTP143
P116/INTP142
P115/INTP141
P114/INTP140
P113/TI14
P112/TCLR14
P111/TO141
P31/TO131
P32/TCLR13
P33/TI13
P34/INTP130
P35/INTP131/SO3
P36/INTP132/SI3
P37/INTP133/SCK3
P63/A19
P62/A18
P61/A17
P60/A16
VSS
VDD
P57/AD15
P56/AD14
P55/AD13
P54/AD12
P53/AD11
P52/AD10
P51/AD9
P50/AD8
P47/AD7
P46/AD6
P45/AD5
P44/AD4


Similar Part No. - UPD703025AGC-33

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD703025AGC-33-XXX-8EU RENESAS-UPD703025AGC-33-XXX-8EU Datasheet
455Kb / 45P
   MOS INTEGRATED CIRCUIT
1998
UPD703025AGC-33-XXX-8EU-A RENESAS-UPD703025AGC-33-XXX-8EU-A Datasheet
455Kb / 45P
   MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD703025AGC-33

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3003A NEC-UPD70F3003A Datasheet
295Kb / 44P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703003 NEC-UPD703003 Datasheet
452Kb / 82P
   V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com