Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1H8 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # 1H8
Description  Reverse Voltage 50 to 1000V Forward Current 1.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1H8 Datasheet(HTML) 3 Page - Leshan Radio Company

  1H8_15 Datasheet HTML 1Page - Leshan Radio Company 1H8_15 Datasheet HTML 2Page - Leshan Radio Company 1H8_15 Datasheet HTML 3Page - Leshan Radio Company 1H8_15 Datasheet HTML 4Page - Leshan Radio Company 1H8_15 Datasheet HTML 5Page - Leshan Radio Company 1H8_15 Datasheet HTML 6Page - Leshan Radio Company 1H8_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3. dimension:
1H1 thru 1H8


Similar Part No. - 1H8_15

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1H8-T3 WTE-1H8-T3 Datasheet
50Kb / 4P
   1.0A ULTRAFAST DIODE
1H8-TB WTE-1H8-TB Datasheet
50Kb / 4P
   1.0A ULTRAFAST DIODE
logo
Yangzhou yangjie electr...
1H8G YANGJIE-1H8G Datasheet
193Kb / 4P
   High Efficient Rectifier
logo
GOOD-ARK Electronics
1H8G GOOD-ARK-1H8G Datasheet
186Kb / 2P
   Glass Passivated High Efficient Rectifiers
logo
DAESAN ELECTRONIC CORP.
1H8G DAESAN-1H8G Datasheet
284Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results

Similar Description - 1H8_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
UF4007 LRC-UF4007_15 Datasheet
289Kb / 7P
   Reverse Voltage 50 to 1000V Forward Current 1.0A
UF4001 LRC-UF4001_14 Datasheet
289Kb / 7P
   Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
AiT Semiconductor Inc.
GS1A AITSEMI-GS1A Datasheet
439Kb / 5P
   RECTIFIER DIODES REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 1.0A
REV1.0
logo
Leshan Radio Company
1H8 LRC-1H8 Datasheet
257Kb / 7P
   High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
1F1 LRC-1F1_14 Datasheet
225Kb / 7P
   Fast Recovery ectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
UF4001G LRC-UF4001G Datasheet
261Kb / 7P
   Uitra Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Rugao Dachang Electroni...
HER101 DACHANG-HER101 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RGP10A DACHANG-RGP10A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
HER101G DACHANG-HER101G Datasheet
171Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
MPG06A DACHANG-MPG06A Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com