Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4937S Datasheet(PDF) 2 Page - Leshan Radio Company

Part # 1N4937S
Description  Fast Switching Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4937S Datasheet(HTML) 2 Page - Leshan Radio Company

  1N4937S_15 Datasheet HTML 1Page - Leshan Radio Company 1N4937S_15 Datasheet HTML 2Page - Leshan Radio Company 1N4937S_15 Datasheet HTML 3Page - Leshan Radio Company 1N4937S_15 Datasheet HTML 4Page - Leshan Radio Company 1N4937S_15 Datasheet HTML 5Page - Leshan Radio Company 1N4937S_15 Datasheet HTML 6Page - Leshan Radio Company 1N4937S_15 Datasheet HTML 7Page - Leshan Radio Company 1N4937S_15 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2. Characteristic Curves ( TA = 25°C unless otherwise noted )
1N4933S thru 1N4937S
0.375" (9.5mm) Lead Length
Case Temperature, °C
Fig. 1 – Forward Current Derating Curve
0
25
50
75
100 125
150 175
1.0
0.5
0
60 Hz
Resistive or
Inductive Load
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
1
10
100
30
15
0
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
Number of Cycles at 60Hz
Fig 3. – Typical Instantaneous Forward
Characteristics
0.6
0.8
1.0
1.2
1.4
1.6
10
1.0
0.1
0.01
100
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
Instantaneous Forward Voltage (V)
10
Fig 4. – Typical Reverse Characteristics
0
20
40
60
80
100
100
1
0.1
0.01
Percent of Rated Peak Reverse Voltage (%)
Tj=125℃
Tj=75℃
Tj=25℃
Fig 5. –typical transient thermal
impedance
10
1.0
0.1
100
0.01
0.1
1.0
10
100
t,Pulse duration,sec
Fig 6. – Typical Junction Capacitance
0.1
1
10
100
20
10
1.0
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
Reverse Voltage (V)


Similar Part No. - 1N4937S_15

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1N4937S SEMTECH_ELEC-1N4937S Datasheet
151Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4937S CTC-1N4937S Datasheet
48Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Frontier Electronics.
1N4937S FRONTIER-1N4937S Datasheet
126Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
logo
Compact Technology Corp...
1N4937S CTC-1N4937S Datasheet
67Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1N4937S LRC-1N4937S Datasheet
238Kb / 8P
   Fast Switching Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results

Similar Description - 1N4937S_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FR255 LRC-FR255_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR255P LRC-FR255P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR256 LRC-FR256_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR302 LRC-FR302_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR305 LRC-FR305_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR306 LRC-FR306_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR103 LRC-FR103_15 Datasheet
199Kb / 7P
   Fast Switching Rectifiers
FR107 LRC-FR107_15 Datasheet
197Kb / 3P
   Fast Switching Rectifiers
FR157P LRC-FR157P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR204 LRC-FR204_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR105P LRC-FR105P_15 Datasheet
199Kb / 7P
   Fast Switching Rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com