Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTN2369A Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTN2369A
Description  EPITAXIAL PLANAR NPN TRANSISTOR (HISH SPEED SWITCHING)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTN2369A Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTN2369A Datasheet HTML 1Page - KEC(Korea Electronics) KTN2369A Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - KTN2369A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTN2369A KEC-KTN2369A Datasheet
315Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR
KTN2369AS KEC-KTN2369AS Datasheet
155Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
KTN2369AU KEC-KTN2369AU Datasheet
152Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
KTN2369AU KEC-KTN2369AU Datasheet
21Kb / 1P
   USM PACKAGE
KTN2369AU KEC-KTN2369AU_08 Datasheet
21Kb / 1P
   USM PACKAGE
More results

Similar Description - KTN2369A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTN2369U KEC-KTN2369U Datasheet
152Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
KTH2369 KEC-KTH2369 Datasheet
309Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
KTN2369S KEC-KTN2369S Datasheet
155Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
KTC4072E KEC-KTC4072E Datasheet
72Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING)
KTC4072V KEC-KTC4072V Datasheet
73Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING)
logo
SEMTECH ELECTRONICS LTD...
MMBTSC1621 SEMTECH_ELEC-MMBTSC1621 Datasheet
125Kb / 2P
   NPN Silicon Epitaxial Planar Switching Transistor
logo
Sanyo Semicon Device
2SC6081 SANYO-2SC6081 Datasheet
47Kb / 4P
   NPN Epitaxial Planar Silicon Transistor 50V / 5A High-Speed Switching
logo
Continental Device Indi...
CSL13003 CDIL-CSL13003 Datasheet
84Kb / 5P
   NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Sanyo Semicon Device
F5H2201 SANYO-F5H2201 Datasheet
62Kb / 5P
   NPN Epitaxial Planar Silicon Transistor 50V / 15A High-Speed Switching
logo
Continental Device Indi...
CSL13002 CDIL-CSL13002 Datasheet
136Kb / 4P
   NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com