Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-06R6R06WC-A2Y Datasheet(PDF) 1 Page - A-BRIGHT Inc

Part # AL-06R6R06WC-A2Y
Description  All dimensions are in millimeters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-06R6R06WC-A2Y Datasheet(HTML) 1 Page - A-BRIGHT Inc

  AL-06R6R06WC-A2Y_15 Datasheet HTML 1Page - A-BRIGHT Inc AL-06R6R06WC-A2Y_15 Datasheet HTML 2Page - A-BRIGHT Inc AL-06R6R06WC-A2Y_15 Datasheet HTML 3Page - A-BRIGHT Inc AL-06R6R06WC-A2Y_15 Datasheet HTML 4Page - A-BRIGHT Inc AL-06R6R06WC-A2Y_15 Datasheet HTML 5Page - A-BRIGHT Inc AL-06R6R06WC-A2Y_15 Datasheet HTML 6Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-06R6R06WC-A2Y
Spec No.
Page
1 of 6
+
_
+
_
+
+
EMFA-6-01A
_
+
_
+
_
_
Package Dimension:
Part NO.
Housing
Emitting Color
Lens Color
AL-06R6R06WC-A2Y
----
Orange-Red
Water Clear
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (.010”) unless otherwise noted.
3. Protruded resin under flange is 1.0mm(.04”) max.
4. Lead spacing is measured where the leads emerge from the package.
5.
Specifications are subject to change without notice.
6.
This data-sheet only valid for six months.


Similar Part No. - AL-06R6R06WC-A2Y_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-06R6R06WC-A2Y A-BRIGHT-AL-06R6R06WC-A2Y Datasheet
245Kb / 6P
   All dimensions are in millimeters
More results

Similar Description - AL-06R6R06WC-A2Y_15

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-5025-TWT-R PUI-AI-5025-TWT-R Datasheet
261Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
A-BRIGHT Inc
AL-6B13WC-120 A-BRIGHT-AL-6B13WC-120 Datasheet
210Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-6R03WC-60 A-BRIGHT-AL-6R03WC-60 Datasheet
285Kb / 6P
   All dimensions are in millimeters
2007/4/24
AL-6SW1WC-120 A-BRIGHT-AL-6SW1WC-120 Datasheet
212Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-6SW3WC-120 A-BRIGHT-AL-6SW3WC-120 Datasheet
211Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-6UG1WC-60 A-BRIGHT-AL-6UG1WC-60 Datasheet
249Kb / 6P
   All dimensions are in millimeters
2009/9/11
AL-6UG1WC-120 A-BRIGHT-AL-6UG1WC-120 Datasheet
212Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-12R6W0CWC-A2X A-BRIGHT-AL-12R6W0CWC-A2X Datasheet
252Kb / 6P
   All dimensions are in millimeters
logo
COSMO Electronics Corp...
PS201LL-2 COSMO-PS201LL-2 Datasheet
69Kb / 2P
   All dimensions are in millimeters.
logo
A-BRIGHT Inc
AL-6A01WC-120 A-BRIGHT-AL-6A01WC-120 Datasheet
231Kb / 6P
   All dimensions are in millimeters
2009/9/11
logo
Projects Unlimited, Inc...
SMT-0824-TW-5V-R PUI-SMT-0824-TW-5V-R Datasheet
156Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com