Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD6124A Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PD6124A
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD6124A Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PD6124A_15 Datasheet HTML 7Page - Renesas Technology Corp PD6124A_15 Datasheet HTML 8Page - Renesas Technology Corp PD6124A_15 Datasheet HTML 9Page - Renesas Technology Corp PD6124A_15 Datasheet HTML 10Page - Renesas Technology Corp PD6124A_15 Datasheet HTML 11Page - Renesas Technology Corp PD6124A_15 Datasheet HTML 12Page - Renesas Technology Corp PD6124A_15 Datasheet HTML 13Page - Renesas Technology Corp PD6124A_15 Datasheet HTML 14Page - Renesas Technology Corp PD6124A_15 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
µPD6124A, 6600A
9
11. PIN FUNCTIONS
11.1
KI/O PIN (P0)
This is the 8-bit I/O pin for key-scan output. When the control register (P1) is set for the input port, the port can be
used as an 8-bit input pin. When the port is set for the input mode, all of these pins are pulled down to the VSS level
inside the LSI.
At reset (all cleared), the value of I/O mode and output latch becomes undefined.
Figure 11-1. KI/O Pin Organization
KI/O7
KI/O6
KI/O5
KI/O4
KI/O3
KI/O2
KI/O1
KI/O0
P0
P10
P00
(P )
Control register
1
11.2
KI/O PULL-DOWN RESISTOR CONFIGURATION
V DD
V SS
CMOS
N-ch
Pin
Pull-down resistor
Input signal
Output signal
Input/output selection
N-ch
P-ch
R
When KI/O is set to the input mode, pull-down resistor R is turned on.


Similar Part No. - PD6124A_15

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
PD616BA NIKOSEM-PD616BA Datasheet
312Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PD616BA UNIKC-PD616BA Datasheet
759Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PD618BA NIKOSEM-PD618BA Datasheet
193Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PD618BA UNIKC-PD618BA Datasheet
763Kb / 8P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - PD6124A_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6125A NEC-UPD6125A Datasheet
286Kb / 40P
   4-BIT SINGLE CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
UPD61P24 NEC-UPD61P24 Datasheet
252Kb / 36P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
UPD6124A NEC-UPD6124A Datasheet
172Kb / 36P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
UPD62A NEC-UPD62A Datasheet
377Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Renesas Technology Corp
PD62 RENESAS-PD62_15 Datasheet
419Kb / 66P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
NEC
UPD64A NEC-UPD64A Datasheet
399Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com