Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2927 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2927
Description  Single Power Supply Tracking Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2927 Datasheet(HTML) 5 Page - Linear Technology

  LTC2927_15 Datasheet HTML 1Page - Linear Technology LTC2927_15 Datasheet HTML 2Page - Linear Technology LTC2927_15 Datasheet HTML 3Page - Linear Technology LTC2927_15 Datasheet HTML 4Page - Linear Technology LTC2927_15 Datasheet HTML 5Page - Linear Technology LTC2927_15 Datasheet HTML 6Page - Linear Technology LTC2927_15 Datasheet HTML 7Page - Linear Technology LTC2927_15 Datasheet HTML 8Page - Linear Technology LTC2927_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC2927
5
2927fb
0.8V
+
0.2V
10μA
10μA
+
5
RAMPBUF
5
RAMP
2927 BD
5
VCC
5
GND
5
SDO
5
FB
5
ON
5
TRACK
1.23V
+
VCC
2.5V
VCC
UVLO
VCC
1x
FU CTIO AL BLOCK DIAGRA
TSOT/DFN Packages
PI FU CTIO S
GND (Pin 4/Pin 5): Device Ground.
TRACK (Pin 5/Pin 4): Tracking Control Input. A resistive
voltage divider between RAMPBUF and TRACK determines
the tracking profile of the slave supply. TRACK servos to
0.8V, and the current supplied at TRACK is mirrored at FB.
The TRACK pin is capable of supplying at least 1mA when
VCC = 2.9V. Under short circuit conditions, the TRACK pin
is capable of supplying up to 70mA. Do not connect to
GND for extended periods. Limit the capacitance at the
TRACK pin to less than 25pF.
RAMPBUF (Pin 6/Pin 3): Ramp Buffer Output. Provides
a low impedance buffered version of the signal on the
RAMP pin. This buffered output drives the resistive volt-
age divider that connects to the TRACK pin. Limit the
capacitance at the RAMPBUF pin to less than 100pF. Float
RAMPBUF if unused.
RAMP (Pin 7/Pin 2): Ramp Buffer Input. The RAMP pin is
the input to the voltage buffer whose output drives a resis-
tive voltage divider connected to the TRACK pin. Connect
this input to a capacitor to set the ramp voltage generated
from internal 10μA pull-up or pull-down currents. RAMP
can also be connected to an external ramping signal for
tracking. Ground RAMP if unused.
ON (Pin 8/Pin 1): On Control Input. The voltage level of
the ON pin relative to its 1.23V threshold (with 75mV
hysteresis) controls the tracking direction of the LTC2927.
An active high causes a 10μA pull-up current to flow at
the RAMP pin, which charges an external capacitor. An
active low at the ON pin causes a 10μA pull-down cur-
rent at the RAMP pin to discharge the external capacitor
relative to GND.
Exposed Pad (NA/Pin 9): Exposed pad may be left open
or connected to device ground.


Similar Part No. - LTC2927_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2927CDDB LINER-LTC2927CDDB Datasheet
255Kb / 16P
   Single Power Supply Tracking Controller
LTC2927CDDB-PBF LINER-LTC2927CDDB-PBF Datasheet
255Kb / 16P
   Single Power Supply Tracking Controller
LTC2927CDDB-TR LINER-LTC2927CDDB-TR Datasheet
255Kb / 16P
   Single Power Supply Tracking Controller
LTC2927CDDB-TRPBF LINER-LTC2927CDDB-TRPBF Datasheet
255Kb / 16P
   Single Power Supply Tracking Controller
LTC2927CTS8 LINER-LTC2927CTS8 Datasheet
255Kb / 16P
   Single Power Supply Tracking Controller
More results

Similar Description - LTC2927_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2927 LINER-LTC2927 Datasheet
255Kb / 16P
   Single Power Supply Tracking Controller
LTC2923 LINER-LTC2923 Datasheet
278Kb / 20P
   Power Supply Tracking Controller
LTC2923 LINER-LTC2923_15 Datasheet
284Kb / 20P
   Power Supply Tracking Controller
LTC2925 LINER-LTC2925 Datasheet
351Kb / 20P
   Multiple Power Supply Tracking Controller with Power Good Timeout
LTC2925 LINER-LTC2925_15 Datasheet
368Kb / 24P
   Multiple Power Supply Tracking Controller with Power Good Timeout
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
LTC2920-1 LINER-LTC2920-1 Datasheet
160Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Microsemi Corporation
NX2155H MICROSEMI-NX2155H Datasheet
770Kb / 17P
   SINGLE POWER SUPPLY SYNCHRONOUS PWM CONTROLLER
logo
Linear Technology
LTC2920-2 LINER-LTC2920-2_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com