Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-6R13WC-60 Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # AL-6R13WC-60
Description  All dimensions are in millimeters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-6R13WC-60 Datasheet(HTML) 3 Page - A-BRIGHT Inc

  AL-6R13WC-60_15 Datasheet HTML 1Page - A-BRIGHT Inc AL-6R13WC-60_15 Datasheet HTML 2Page - A-BRIGHT Inc AL-6R13WC-60_15 Datasheet HTML 3Page - A-BRIGHT Inc AL-6R13WC-60_15 Datasheet HTML 4Page - A-BRIGHT Inc AL-6R13WC-60_15 Datasheet HTML 5Page - A-BRIGHT Inc AL-6R13WC-60_15 Datasheet HTML 6Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-6R13WC-60-161
Spec No.
161
Page
3 of 6
2007/4/24
Electrical Optical Characteristics at Ta=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Flux
Flux
40
70
---
Lm
IF=700mA
Forward Voltage
VF
2.0
2.5
3.5
V
IF=700mA
Dominant Wavelength
λd
620
625
645
nm
IF=700mA
Spectral Half-Width
△λ
1/2
---
20
---
nm
IF=700mA
Temperature Coefficient or
Dominant Wavelength
△λ
d /△Tj
---
0.05
---
nm/℃ IF=700mA
Temperature Coefficient of VF
VF /△Tj
---
-2.0
---
mV/℃ IF=700mA
Termal Resistance Junction to Board
----
---
18
---
/W
IF=700mA
Viewing Angle
2θ1/2
---
60
---
Deg
IF=700mA


Similar Part No. - AL-6R13WC-60_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-6R13WC-60 A-BRIGHT-AL-6R13WC-60 Datasheet
285Kb / 6P
   All dimensions are in millimeters
2007/4/24
More results

Similar Description - AL-6R13WC-60_15

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-5025-TWT-R PUI-AI-5025-TWT-R Datasheet
261Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
A-BRIGHT Inc
AL-6B13WC-120 A-BRIGHT-AL-6B13WC-120 Datasheet
210Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-6R03WC-60 A-BRIGHT-AL-6R03WC-60 Datasheet
285Kb / 6P
   All dimensions are in millimeters
2007/4/24
AL-6SW1WC-120 A-BRIGHT-AL-6SW1WC-120 Datasheet
212Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-6SW3WC-120 A-BRIGHT-AL-6SW3WC-120 Datasheet
211Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-6UG1WC-60 A-BRIGHT-AL-6UG1WC-60 Datasheet
249Kb / 6P
   All dimensions are in millimeters
2009/9/11
AL-6UG1WC-120 A-BRIGHT-AL-6UG1WC-120 Datasheet
212Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-12R6W0CWC-A2X A-BRIGHT-AL-12R6W0CWC-A2X Datasheet
252Kb / 6P
   All dimensions are in millimeters
logo
COSMO Electronics Corp...
PS201LL-2 COSMO-PS201LL-2 Datasheet
69Kb / 2P
   All dimensions are in millimeters.
logo
A-BRIGHT Inc
AL-6A01WC-120 A-BRIGHT-AL-6A01WC-120 Datasheet
231Kb / 6P
   All dimensions are in millimeters
2009/9/11
logo
Projects Unlimited, Inc...
SMT-0824-TW-5V-R PUI-SMT-0824-TW-5V-R Datasheet
156Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com