Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD16721 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PD16721
Description  384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16721 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PD16721_15 Datasheet HTML 1Page - Renesas Technology Corp PD16721_15 Datasheet HTML 2Page - Renesas Technology Corp PD16721_15 Datasheet HTML 3Page - Renesas Technology Corp PD16721_15 Datasheet HTML 4Page - Renesas Technology Corp PD16721_15 Datasheet HTML 5Page - Renesas Technology Corp PD16721_15 Datasheet HTML 6Page - Renesas Technology Corp PD16721_15 Datasheet HTML 7Page - Renesas Technology Corp PD16721_15 Datasheet HTML 8Page - Renesas Technology Corp PD16721_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2000
MOS INTEGRATED CIRCUIT
µµµµPD16721
384-OUTPUT TFT-LCD SOURCE DRIVER
(COMPATIBLE WITH 256-GRAY SCALES)
DATA SHEET
Document No. S14791EJ1V0DS00 (1st edition)
Date Published February 2002 NS CP (K)
Printed in Japan
The mark
!
!
!
! shows major revised points.
DESCRIPTION
The
µPD16721 is a source driver for TFT-LCDs capable of dealing with displays with 256-gray scales. Data input is
based on digital input configured as 8 bits by 6 dots (2 pixels), which can realize a full-color display of 16,777,216
colors by output of 256 values
γ -corrected by an internal D/A converter and 8-by-2 external power modules.
Because the output dynamic range is as large as VSS2 + 0.2 V to VDD2 – 0.2 V, level inversion operation of the LCD’s
common electrode is rendered unnecessary. Also, to be able to deal with dot-line inversion, n-line inversion and
column line inversion when mounted on a single side, this source driver is equipped with a built-in 8-bit D/A converter
circuit whose odd output pins and even output pins respectively output gray scale voltages of differing polarity. The
maximum clock frequency is 70 MHz when driving at 3.0 V.
FEATURES
• CMOS level input
• 384 outputs
• Input of 8 bits (gray scale data) by 6 dots
• Capable of outputting 256 values by means of 8-by-2 external power modules (16 units) and a D/A converter
• Logic power supply voltage (VDD1): 2.5 to 3.4 V
• Driver power supply voltage (VDD2): 13.0 ± 0.5 V or 15.0 ± 0.5 V (switchable, VSEL)
• High-speed data transfer: fCLK. = 70 MHz MAX. (internal data transfer speed when operating at VDD1 = 3.0 V)
= 55 MHz MAX. (internal data transfer speed when operating at VDD1 = 2.5 V)
• Output dynamic range: VSS2 + 0.2 V to VDD2 – 0.2 V
• Apply for dot-line inversion, n-line inversion and column line inversion
• Output voltage polarity inversion function (POL)
• Output inversion function (POL21/22)
• Output reset control is possible (MODE)
• Slew-rate control is possible (SRC)
• Output resistance control is possible (ORC)
• Single bank arrangement is possible (Loaded with slim TCP)
ORDERING INFORMATION
Part Number
Package
µPD16721N-xxx
TCP (TAB package)
Remark The TCP’s external shape is customized. To order the required shape, so please contact one of our sales
representatives.
5
5
5
5
5
5


Similar Part No. - PD16721_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16724 RENESAS-PD16724 Datasheet
300Kb / 26P
   480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALE)
PD16724 RENESAS-PD16724_15 Datasheet
300Kb / 26P
   480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALE)
More results

Similar Description - PD16721_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16754 RENESAS-PD16754_15 Datasheet
272Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD16753 RENESAS-PD16753_15 Datasheet
279Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD160040 RENESAS-PD160040_15 Datasheet
295Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
logo
NEC
UPD16750 NEC-UPD16750 Datasheet
188Kb / 9P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 256-GRAY SCALES
UPD16716 NEC-UPD16716 Datasheet
155Kb / 20P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
Renesas Technology Corp
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16715A RENESAS-PD16715A_15 Datasheet
253Kb / 18P
   384-OUTPUT TFT-LCD SOURCE DRIVER(COMPATIBLE WITH 64-GRAY SCALES)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com