Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-HP26EBGC Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-HP26EBGC
Description  30W LEDs suitable for illumination lamps and decorative lighting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-HP26EBGC Datasheet(HTML) 2 Page - BetLux Electronics

  BL-HP26EBGC Datasheet HTML 1Page - BetLux Electronics BL-HP26EBGC Datasheet HTML 2Page - BetLux Electronics BL-HP26EBGC Datasheet HTML 3Page - BetLux Electronics BL-HP26EBGC Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Power LED
BL-HP26EXX
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.4
Page 2 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
■ Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is
0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-HP26EBGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-HP20ABGCL BETLUX-BL-HP20ABGCL Datasheet
56Kb / 3P
   High Power LED lamp
BL-HP20ABGCL-3W BETLUX-BL-HP20ABGCL-3W Datasheet
56Kb / 3P
   High Power LED lamp
BL-HP20APGCB BETLUX-BL-HP20APGCB Datasheet
34Kb / 1P
   High Power LED lamp
BL-HP20APGCL BETLUX-BL-HP20APGCL Datasheet
56Kb / 3P
   High Power LED lamp
BL-HP20APGCL-3W BETLUX-BL-HP20APGCL-3W Datasheet
56Kb / 3P
   High Power LED lamp
More results

Similar Description - BL-HP26EBGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-HP39E-100W BETLUX-BL-HP39E-100W Datasheet
128Kb / 3P
   30W LEDs suitable for illumination lamps and decorative lighting
BL-HP12E-5W BETLUX-BL-HP12E-5W Datasheet
225Kb / 4P
   5W LEDs suitable for illumination lamps and decorative lighting
BL-HP15E-10W BETLUX-BL-HP15E-10W Datasheet
228Kb / 4P
   10W LEDs suitable for illumination lamps and decorative lighting
BL-HP7E-1W BETLUX-BL-HP7E-1W Datasheet
236Kb / 4P
   1W LEDs , suitable for illumination lamps and decorative lighting
BL-HP9E-1W BETLUX-BL-HP9E-1W Datasheet
218Kb / 4P
   1W LEDs , suitable for illumination lamps and decorative lighting
BL-HP51A-2W BETLUX-BL-HP51A-2W Datasheet
127Kb / 3P
   1W LEDs , suitable for illumination lamps and decorative lighting
logo
Sanken electric
SEL2013 SANKEN-SEL2013_08 Datasheet
439Kb / 2P
   3phi Inverted-Cone LEDs (for lighting-panels and illumination)
SEL1013M SANKEN-SEL1013M Datasheet
434Kb / 2P
   5phi Inverted-Cone LEDs (for lighting-panels and illumination)
logo
List of Unclassifed Man...
WS2801 ETC1-WS2801 Datasheet
428Kb / 15P
   LED decorative lighting
logo
IK Semicon Co., Ltd
IL9961 IKSEMICON-IL9961 Datasheet
543Kb / 12P
   Architecture and decorative LED lighting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com