Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD17P246 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PD17P246
Description  PD17P246_15 FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD17P246 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PD17P246_15 Datasheet HTML 6Page - Renesas Technology Corp PD17P246_15 Datasheet HTML 7Page - Renesas Technology Corp PD17P246_15 Datasheet HTML 8Page - Renesas Technology Corp PD17P246_15 Datasheet HTML 9Page - Renesas Technology Corp PD17P246_15 Datasheet HTML 10Page - Renesas Technology Corp PD17P246_15 Datasheet HTML 11Page - Renesas Technology Corp PD17P246_15 Datasheet HTML 12Page - Renesas Technology Corp PD17P246_15 Datasheet HTML 13Page - Renesas Technology Corp PD17P246_15 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
µPD17P246
8
Data Sheet U15215EJ1V0DS
2.1 Normal Operating Mode (2/3)
Pin No.
Symbol
Function
Output Form
After Reset
4
P0E0
These pins constitute a 4-bit I/O port that can be set in the input or
When key
CMOS input
5
P0E1
output mode in 1-bit units.
matrix is
(when key
6
P0E2
If this port is set in the input mode when a key matrix is used, it
used: N-ch
matrix is not
7
P0E3
functions as a CMOS input port with a pull-up resistor and can be
open-drain,
used and no
used to input key return signals. If one of the pins of this port
when key
resistor
goes low, the standby mode is released.
matrix is not
connected)
If this port is set in the output mode when a key matrix is used, it
used: CMOS
functions as an N-ch open-drain output port and can be used to
push-pull
output key matrix signals.
If this port is set in the input mode when a key matrix is not used,
it functions as a CMOS input port to/from which a resistor can be
connected or disconnected in 1-bit units. If this port is set in the
output mode when a key matrix is not used, it functions as a high-
current CMOS output port.
8
REM
Outputs transfer signal for infrared remote controller.
CMOS
Low-level
Active-high output.
push-pull
output
9VDD
Power supply
––
10
XOUT
Connects ceramic resonator for system clock oscillation
(Oscillation
11
XIN
stops)
12
GND
Ground
––
13
RESET
Reset input
Turns ON pull-down resistor if POC or watchdog timer overflows
Input
and if the stack pointer overflows or underflows, and resets the
system. Usually, the pull-down resistor is ON.


Similar Part No. - PD17P246_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD17P228 RENESAS-PD17P228_15 Datasheet
505Kb / 30P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PD17P236 RENESAS-PD17P236_15 Datasheet
572Kb / 34P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
More results

Similar Description - PD17P246_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD17P236 RENESAS-PD17P236_15 Datasheet
572Kb / 34P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PD17P228 RENESAS-PD17P228_15 Datasheet
505Kb / 30P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
logo
NEC
UPD17P236 NEC-UPD17P236 Datasheet
252Kb / 32P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
UPD17P228 NEC-UPD17P228 Datasheet
203Kb / 28P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
UPC2807 NEC-UPC2807 Datasheet
46Kb / 8P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROLLER
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
UPD17225 NEC-UPD17225 Datasheet
393Kb / 84P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
PD17225 RENESAS-PD17225_15 Datasheet
501Kb / 86P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
NEC
UPD17230 NEC-UPD17230 Datasheet
378Kb / 92P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
PD17230 RENESAS-PD17230_15 Datasheet
534Kb / 94P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com