Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD103AW Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SD103AW
Description  Small Signal Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD103AW Datasheet(HTML) 2 Page - Vishay Siliconix

  SD103AW Datasheet HTML 1Page - Vishay Siliconix SD103AW Datasheet HTML 2Page - Vishay Siliconix SD103AW Datasheet HTML 3Page - Vishay Siliconix SD103AW Datasheet HTML 4Page - Vishay Siliconix SD103AW Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SD103AW, SD103BW, SD103CW
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 25-Feb-13
2
Document Number: 85681
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Typical Variation of Forward Current vs. Forward Voltage
Fig. 2 - Typical High Current Forward Conduction Curve
Fig. 3 - Typical Variation of Reverse Current at Various
Temperatures
Fig. 4 - Typical Capacitance vs. Reverse Voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Leakage current
VR = 30 V
SD103AW
IR
5μA
VR = 20 V
SD103BW
IR
5μA
VR = 10 V
SD103CW
IR
5μA
Forward voltage drop
IF = 20 mA
VF
370
mV
IF = 200 mA
VF
600
mV
Diode capacitance
VR = 0 V, f = 1 MHz
CD
50
pF
Reverse recovery time
IF = IR = 50 mA to 200 mA,
recover to 0.1 IR
trr
10
ns
18488
0.01
1000
100
0.1
1
10
0
0.4
0.6
0.8
1.0
0.2
VF - Forward Voltage (V)
18489
4
5
3
2
0
1
0.5
1.0
01.5
VF - Forward Voltage (V)
duty cycle = 2 %
tp = 300 ms
0.01
0.1
1
10
100
1000
0
5
10 15 20 25 30 35 40 45 50
V - Reverse Voltage (V)
R
20084
75 °C
50 °C
25 °C
100 °C
Tamb = 125 °C
18491
10
20
30
40
050
VR - Reverse Voltage (V)
100
10
1


Similar Part No. - SD103AW

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SD103AW MCC-SD103AW Datasheet
206Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
SUNMATE electronic Co.,...
SD103AW SUNMATE-SD103AW Datasheet
995Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
SD103AW BILIN-SD103AW Datasheet
148Kb / 3P
   Schottky Barrier Diode
logo
DONGGUAN YOU FENG WEI E...
SD103AW YFWDIODE-SD103AW Datasheet
469Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - SD103AW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com