Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3240-3.3 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3240-3.3
Description  3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3240-3.3 Datasheet(HTML) 1 Page - Linear Technology

  LTC3240-3.3 Datasheet HTML 1Page - Linear Technology LTC3240-3.3 Datasheet HTML 2Page - Linear Technology LTC3240-3.3 Datasheet HTML 3Page - Linear Technology LTC3240-3.3 Datasheet HTML 4Page - Linear Technology LTC3240-3.3 Datasheet HTML 5Page - Linear Technology LTC3240-3.3 Datasheet HTML 6Page - Linear Technology LTC3240-3.3 Datasheet HTML 7Page - Linear Technology LTC3240-3.3 Datasheet HTML 8Page - Linear Technology LTC3240-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3240-3.3/LTC3240-2.5
1
3240fb
Step-Up/Step-Down Charge Pumps Generate Fixed
3.3V or 2.5V Outputs
VIN Range: 1.8V to 5.5V
Output Current up to 150mA
Automatic Mode Switching
Constant Frequency (1.2MHz) Operation in
Step-Up Mode
Low Dropout Regulator Operation in
Step-Down Mode
Low No-Load Quiescent Current: IQ = 65µA
Built-In Soft-Start Reduces Inrush Current
Shutdown Disconnects Load from Input
Shutdown Current < 1µA
Short-Circuit/Thermal Protection
Available in a 6-Lead (2mm
× 2mm) DFN Package
3.3V/2.5V Step-Up/
Step-Down Charge Pump
DC/DC Converter
The LTC®3240-3.3/LTC3240-2.5 are step-up/step-down
charge pump DC/DC converters that produce a fixed
regulated output voltage of 3.3V or 2.5V over a wide input
voltage range (1.8V to 5.5V).
With input voltages greater than the regulated output
voltage the LTC3240 operates as a low dropout regulator.
Once the input voltage drops within 100mV of the regulated
output voltage the part automatically switches to step-up
mode. In step-up mode the LTC3240 operates as a constant
frequency (1.2MHz) doubling charge pump.
The LTC3240-3.3/LTC3240-2.5 feature low no load operat-
ing current (65µA typical) and ultralow operating current
in shutdown (<1µA). Built-in soft-start circuitry prevents
excessive inrush current during start-up. Thermal shut-
down and current-limit circuitry allow the parts to survive
a continuous short-circuit from VOUT to GND.
The LTC3240-3.3/LTC3240-2.5 require only three tiny
external ceramic capacitors for an ultrasmall application
footprint. The LTC3240-3.3/LTC3240-2.5 are available in a
6-pin (2mm
× 2mm) DFN package.
2 AA to 2.5V
2-3 AA/Li-Ion to 3.3V
Low Power Supplies for Cameras, I/O Supplies,
Audio, PC Cards, Misc. Logic, etc., in a Wide Variety
of Handheld Products
Output Voltage vs Input Voltage (Full Range)
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
OFF ON
VIN
GND
SHDN
VOUT
C
C+
LTC3240-3.3
1
µF
4.7
µF
1
µF
3.3V
IOUT = 150mA
2.7V TO 4.5V
3240 TA01a
Li-Ion OR
3-CELL NiMH
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 6411531.
Li-Ion to 3.3V at Up to 150mA
INPUT VOLTAGE (V)
1.7
3.30
3.40
5.7
3240 TA01b
3.20
3.10
2.7
3.7
4.7
2.2
3.2
4.2
5.2
3.50
3.25
3.35
3.15
3.45
IOUT = 30mA


Similar Part No. - LTC3240-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3240-3.3 LINER-LTC3240-3.3 Datasheet
1Mb / 16P
   Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
logo
Analog Devices
LTC3240-3.3 AD-LTC3240-3.3 Datasheet
242Kb / 20P
   Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
More results

Similar Description - LTC3240-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
LTC3240 LINER-LTC3240 Datasheet
208Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com