Electronic Components Datasheet Search |
|
VS-MBR2545CT-N3 Datasheet(PDF) 6 Page - Vishay Siliconix |
|
VS-MBR2545CT-N3 Datasheet(HTML) 6 Page - Vishay Siliconix |
6 / 8 page Document Number: 95222 For technical questions within your region, please contact one of the following: www.vishay.com Revision: 08-Mar-11 DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com 1 TO-220AB Outline Dimensions Vishay Semiconductors DIMENSIONS in millimeters and inches Notes (1) Dimensioning and tolerancing as per ASME Y14.5M-1994 (2) Lead dimension and finish uncontrolled in L1 (3) Dimension D, D1 and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at the outermost extremes of the plastic body (4) Dimension b1, b3 and c1 apply to base metal only (5) Controlling dimensions: inches (6) Thermal pad contour optional within dimensions E, H1, D2 and E1 (7) Dimensions E2 x H1 define a zone where stamping and singulation irregularities are allowed (8) Outline conforms to JEDEC TO-220, except A2 (maximum) and D2 (minimum) where dimensions are derived from the actual package outline SYMBOL MILLIMETERS INCHES NOTES SYMBOL MILLIMETERS INCHES NOTES MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. A 4.25 4.65 0.167 0.183 E 10.11 10.51 0.398 0.414 3, 6 A1 1.14 1.40 0.045 0.055 E1 6.86 8.89 0.270 0.350 6 A2 2.56 2.92 0.101 0.115 E2 - 0.76 - 0.030 7 b 0.69 1.01 0.027 0.040 e 2.41 2.67 0.095 0.105 b1 0.38 0.97 0.015 0.038 4 e1 4.88 5.28 0.192 0.208 b2 1.20 1.73 0.047 0.068 H1 6.09 6.48 0.240 0.255 6, 7 b3 1.14 1.73 0.045 0.068 4 L 13.52 14.02 0.532 0.552 c 0.36 0.61 0.014 0.024 L1 3.32 3.82 0.131 0.150 2 c1 0.36 0.56 0.014 0.022 4 Ø P 3.54 3.73 0.139 0.147 D 14.85 15.25 0.585 0.600 3 Q 2.60 3.00 0.102 0.118 D1 8.38 9.02 0.330 0.355 90° to 93° 90° to 93° D2 11.68 12.88 0.460 0.507 6 13 2 D D1 H1 Q 13 2 C C D D 3 x b2 3 x b (b, b2) b1, b3 (H1) D2 Detail B C A B L e1 Lead tip E E2 Ø P 0.014 A B M M 0.015 A B MM Seating plane c A2 A1 A A A Lead assignments Diodes 1. - Anode/open 2. - Cathode 3. - Anode Conforms to JEDEC outline TO-220AB (6) (6) (7) (6) (7) e 2 x L1 (2) Detail B Section C - C and D - D View A - A Base metal Plating (4) (4) c1 c (6) Thermal pad (E) E1 (6) |
Similar Part No. - VS-MBR2545CT-N3 |
|
Similar Description - VS-MBR2545CT-N3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |