Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703015AGC Datasheet(PDF) 8 Page - NEC

Part # UPD703015AGC
Description  V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703015AGC Datasheet(HTML) 8 Page - NEC

  UPD703015AGC Datasheet HTML 1Page - NEC UPD703015AGC Datasheet HTML 2Page - NEC UPD703015AGC Datasheet HTML 3Page - NEC UPD703015AGC Datasheet HTML 4Page - NEC UPD703015AGC Datasheet HTML 5Page - NEC UPD703015AGC Datasheet HTML 6Page - NEC UPD703015AGC Datasheet HTML 7Page - NEC UPD703015AGC Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Data Sheet U14526EJ2V0DS00
8
µµµµPD703014A, 703014AY, 703015A, 703015AY, 703017A, 703017AY
1. PIN FUNCTIONS
1.1 Port Pins
(1/3)
Pin Name
I/O
PULL
Function
Alternate Function
P00
NMI
P01
INTP0
P02
INTP1
P03
INTP2
P04
INTP3
P05
INTP4/ADTRG
P06
INTP5/RTPTRG
P07
I/O
Yes
Port 0
8-bit I/O port
Input/output can be specified in 1-bit units.
INTP6
P10
SI0/SDA
Note
P11
SO0
P12
SCK0/SCL
Note
P13
SI1/RXD0
P14
SO1/TXD0
P15
I/O
Yes
Port 1
6-bit I/O port
Input/output can be specified in 1-bit units.
SCK1/ASCK0
P20
SI2
P21
SO2
P22
SCK2
P23
RXD1
P24
TXD1
P25
ASCK1
P26
TI2/TO2
P27
I/O
Yes
Port 2
8-bit I/O port
Input/output can be specified in 1-bit units.
TI3/TO3
P30
TI00
P31
TI01
P32
TI10
P33
TI11
P34
TO0/A13
P35
TO1/A14
P36
TI4/TO4/A15
P37
I/O
Yes
Port 3
8-bit I/O port
Input/output can be specified in 1-bit units.
TI5/TO5
Note
Applies to the
µPD703014AY, 703015AY, and 703017AY only.
Remark
PULL: On-chip pull-up resistor


Similar Part No. - UPD703015AGC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD703000 RENESAS-UPD703000 Datasheet
627Kb / 90P
   MOS INTEGRATED CIRCUIT
1996
UPD703000GC-25-XXX-7EA RENESAS-UPD703000GC-25-XXX-7EA Datasheet
627Kb / 90P
   MOS INTEGRATED CIRCUIT
1996
UPD703000GC-33-XXX-7EA RENESAS-UPD703000GC-33-XXX-7EA Datasheet
627Kb / 90P
   MOS INTEGRATED CIRCUIT
1996
UPD703001GC-25-7EA RENESAS-UPD703001GC-25-7EA Datasheet
627Kb / 90P
   MOS INTEGRATED CIRCUIT
1996
UPD703001GC-33-7EA RENESAS-UPD703001GC-33-7EA Datasheet
627Kb / 90P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD703015AGC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3017A NEC-UPD70F3017A Datasheet
337Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Infineon Technologies A...
XC2269I INFINEON-XC2269I Datasheet
1Mb / 134P
   16/32-Bit Single-Chip Microcontroller
V1.3, 2014-07
XC2288I INFINEON-XC2288I Datasheet
1Mb / 145P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2200 INFINEON-XC2200 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
XC2361B INFINEON-XC2361B_14 Datasheet
733Kb / 128P
   16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com