Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4232-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4232-1
Description  5A Integrated Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4232-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC4232-1_15 Datasheet HTML 1Page - Linear Technology LTC4232-1_15 Datasheet HTML 2Page - Linear Technology LTC4232-1_15 Datasheet HTML 3Page - Linear Technology LTC4232-1_15 Datasheet HTML 4Page - Linear Technology LTC4232-1_15 Datasheet HTML 5Page - Linear Technology LTC4232-1_15 Datasheet HTML 6Page - Linear Technology LTC4232-1_15 Datasheet HTML 7Page - Linear Technology LTC4232-1_15 Datasheet HTML 8Page - Linear Technology LTC4232-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4232-1
4
42321f
For more information www.linear.com/LTC4232-1
TEMPERATURE (°C)
–50
22
21
20
19
18
–25
0
25
42321 G09
50
75
100
FB VOLTAGE (V)
6
5
4
3
2
1
0
42321 G07
0
0.2
0.4
0.6
0.8
1.0
1.2
ISET OPEN
RSET (Ω)
1k
6
5
4
3
2
1
0
10k
100k
42321 G08
1M
10M
TEMPERATURE (°C)
–50
0.10
0.08
0.06
0.04
–25
0
25
42321 G04
50
75
100
TEMPERATURE (°C)
–50
–110
–105
–100
–95
–90
–25
0
25
42321 G05
50
75
100
TEMPERATURE (°C)
–50
1.234
1.232
1.230
1.228
1.226
–25
0
25
42321 G03
50
75
100
VDD (V)
0
1.0
1.2
1.4
1.6
1.8
2.0
5
10
15
20
42321 G01
25
30
–40°C
25°C
85°C
ILOAD (mA)
0
0
0.5
1.5
1.0
3.5
2.0
2.5
3.0
42321 G02
–14
–12
–10
–8
–6
–4
–2
VDD = 5V
VDD = 3.3V
TYPICAL PERFORMANCE CHARACTERISTICS
IDD vs VDD
INTVCC Load Regulation
UV Low-High Threshold
vs Temperature
UV Hysteresis vs Temperature
Timer Pull-Up Current
vs Temperature
Current Limit Delay
(tPHL(ILIM) vs Overdrive)
Current Limit Threshold Foldback
Current Limit Adjustment
(IOUT vs RSET)
ISET Resistor vs Temperature
TA = 25°C, VDD = 12V unless otherwise noted.
OUTPUT CURRENT (A)
0
1000
100
10
1
0.1
10
42321 G06
20
30


Similar Part No. - LTC4232-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4232 LINER-LTC4232 Datasheet
738Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232 LINER-LTC4232 Datasheet
678Kb / 20P
   20A Guaranteed SOA Hot Swap Controller
logo
Analog Devices
LTC4232 AD-LTC4232 Datasheet
1Mb / 22P
   Micropower Hot Swap Controller
LTC4232 AD-LTC4232 Datasheet
803Kb / 18P
   50A Hot Swap E-Fuse with Guaranteed SOA
Rev. 0
logo
Linear Technology
LTC4232 LINER-LTC4232_15 Datasheet
738Kb / 16P
   5A Integrated Hot Swap Controller
More results

Similar Description - LTC4232-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232 LINER-LTC4232_15 Datasheet
738Kb / 16P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_15 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_V01 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
185Kb / 18P
   2A Integrated Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com