Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4232-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4232-1
Description  5A Integrated Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4232-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4232-1 Datasheet HTML 2Page - Linear Technology LTC4232-1 Datasheet HTML 3Page - Linear Technology LTC4232-1 Datasheet HTML 4Page - Linear Technology LTC4232-1 Datasheet HTML 5Page - Linear Technology LTC4232-1 Datasheet HTML 6Page - Linear Technology LTC4232-1 Datasheet HTML 7Page - Linear Technology LTC4232-1 Datasheet HTML 8Page - Linear Technology LTC4232-1 Datasheet HTML 9Page - Linear Technology LTC4232-1 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC4232-1
6
42321f
For more information www.linear.com/LTC4232-1
PIN FUNCTIONS
FB: Foldback and Power Good Input. Connect this pin to
an external resistive divider from OUT. If the voltage falls
below 0.6V, the current limit is reduced using a foldback
profile (see the Typical Performance Characteristics sec-
tion). If the voltage falls below 1.21V, the PG pin will pull
low to indicate the power is bad.
FLT: Overcurrent Fault Indicator. Open-drain output pulls
low when an overcurrent fault has occurred and the circuit
breaker trips. For overcurrent auto-retry tie to UV pin (see
the Applications Information section for details).
GATE: Gate Drive for Internal N-channel MOSFET. An
internal 24µA current source charges the gate of the
N-channelMOSFET.Aresistorandcapacitornetworkfrom
this pin sets the turn-on rate. During an undervoltage or
overvoltage condition a 250µA pull-down current turns
the MOSFET off. During a short-circuit or undervoltage
lockout condition, a 140mA pull-down current source
between GATE and OUT is activated.
GND: Device Ground.
IMON: Current Monitor Output. The current in the internal
MOSFETswitchisdividedby50,000andsourcedfromthis
pin. Placing a 20k resistor from this pin to GND creates a
0Vto2Vvoltageswingwhencurrentrangesfrom0Ato5A.
INTVCC: Internal 3.1V Supply Decoupling Output. This pin
must have a 1µF or larger bypass capacitor.
ISET:CurrentLimitAdjustmentPin.Fora5.6Acurrentlimit
value open this pin. This pin is driven by a 20k resistor
in series with a voltage source. The pin voltage is used
to generate the current limit threshold. The internal 20k
resistor and an external resistor between ISET and ground
create an attenuator that lowers the current limit value.
Due to circuit tolerance the ISET resistor should not be
less than 2k. In order to match the temperature variation
of the sense resistor, the voltage on this pin increases at
the same rate as the sense resistance increases. Therefore
the voltage at ISET pin is proportional to temperature of
the MOSFET switch.
OUT: Output of Internal MOSFET Switch. Connect this pin
directly to the load.
OV: Overvoltage Comparator Input. Connect this pin to an
external resistive divider from VDD. If the voltage at this
pin rises above 1.235V, an overvoltage is detected and
the switch turns off. Tie to GND if unused.
PG: Power Good Indicator. Open-drain output pulls low
when the FB pin drops below 1.21V indicating the power is
bad. If the FB pin rises above 1.23V and the GATE to OUT
voltage exceeds 4.2V, the open-drain pull-down releases
the PG pin to go high.
SENSE: Current Sense Node and MOSFET Drain. The cur-
rent limit circuit controls the GATE pin to limit the sense
voltage between the VDD and SENSE pins to 42mV (5.6A)
orlessdependingonthevoltageattheFBpin.Theexposed
pad on DHC packages are connected to SENSE and must
be soldered to an electrically isolated printed circuit board
trace to properly transfer the heat out of the package.
TIMER: Timer Input. Connect a capacitor between this pin
and ground to set a 12ms/µF duration for current limit
before the switch is turned off. If the UV pin is toggled
low while the MOSFET switch is off, the switch will turn on
againfollowingacooldowntimeof518ms/µFduration.Tie
this pin to INTVCC for a fixed 2ms overcurrent delay. Note
that the fixed 2ms overcurrent delay is not recommended
whenauto-retryisenabled(seeApplicationsInformation).
UV: Undervoltage Comparator Input. Tie high if unused.
Connect this pin to an external resistive divider from VDD.
If the UV pin voltage falls below 1.15V, an undervoltage is
detected and the switch turns off. Pulling this pin below
0.62V resets the overcurrent fault and allows the switch
to turn back on (see the Applications Information section
for details). If overcurrent auto-retry is desired then tie
this pin to the FLT pin.
VDD: Supply Voltage and Current Sense Input. This pin
has an undervoltage lockout threshold of 2.73V.


Similar Part No. - LTC4232-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4232 LINER-LTC4232 Datasheet
738Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232 LINER-LTC4232 Datasheet
678Kb / 20P
   20A Guaranteed SOA Hot Swap Controller
logo
Analog Devices
LTC4232 AD-LTC4232 Datasheet
1Mb / 22P
   Micropower Hot Swap Controller
LTC4232 AD-LTC4232 Datasheet
803Kb / 18P
   50A Hot Swap E-Fuse with Guaranteed SOA
Rev. 0
logo
Linear Technology
LTC4232 LINER-LTC4232_15 Datasheet
738Kb / 16P
   5A Integrated Hot Swap Controller
More results

Similar Description - LTC4232-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232 LINER-LTC4232_15 Datasheet
738Kb / 16P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_15 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_V01 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
185Kb / 18P
   2A Integrated Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com