Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4307-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4307-1
Description  High Defi nition Multimedia Interface (HDMI) Level- Shifting 2-Wire Bus Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4307-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4307-1_15 Datasheet HTML 4Page - Linear Technology LTC4307-1_15 Datasheet HTML 5Page - Linear Technology LTC4307-1_15 Datasheet HTML 6Page - Linear Technology LTC4307-1_15 Datasheet HTML 7Page - Linear Technology LTC4307-1_15 Datasheet HTML 8Page - Linear Technology LTC4307-1_15 Datasheet HTML 9Page - Linear Technology LTC4307-1_15 Datasheet HTML 10Page - Linear Technology LTC4307-1_15 Datasheet HTML 11Page - Linear Technology LTC4307-1_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC4307-1
9
43071fa
OPERATION
Figure 3 shows the LTC4307-1 in a capacitance buffering
application. Due to the LTC4307-1’s capacitance buffering
feature and sub-10pF input capacitance, this application
circuit passes the HDMI 50pF maximum DDC capacitance
specification easily when the LTC4307-1 is located right at
the HDMI connector interface as shown. The capacitance
of the internal bus connected to the SDAIN and SCLIN
pins may be much larger than 50pF, but because of the
LTC4307-1’s capacitance buffering, the internal bus ca-
pacitance is isolated from the HDMI connector.
APPLICATIONS INFORMATION
In HDMI, the sink device pulls the hot plug detect HPD
signal high to tell the source that it is ready to accept
commands through the DDC. This signal can be controlled
through the READY pin of the LTC4307-1 to prevent the
possibility of erroneous attempts by the source to contact
the sink before the sink is ready to return its extended
display identification data (EDID). The READY pin only
goes high after 5V is applied and the LTC4307-1 ENABLE
pin is pulled high by the HDMI receiver IC, a controller in
the sink, or the 5V line itself.
capacitance from 50pF to 150pF results in a tPHL increase
from 81ns to 91ns. Larger output capacitances translate
to longer delays (up to 125ns). Users must quantify the
difference in propagation times for a rising edge versus
a falling edge in their systems and adjust setup and hold
times accordingly.
READY Digital Output
This pin provides a digital flag which is low when either
ENABLE is low or the start-up sequence described earlier
in this section has not been completed. READY goes high
when ENABLE is high and the input and output 2-wire
busses are connected. The pin is driven by an open-drain
pull-down capable of sinking 3mA while holding 0.4V on
the pin. Connect a resistor to VCC to provide the pull-up.
READY can be used to control the HDMI hot plug detect
(HPD) signal to prevent the possibility of erroneous at-
tempts by the source to contact the sink before the sink
is ready to communicate.
ENABLE
When the ENABLE pin is driven below 0.8V with respect to
the LTC4307-1’s ground, the input 2-wire bus is discon-
nected from the output 2-wire bus and the READY pin is
internally pulled low. When the pin is driven above 2V,
the part waits for data transactions on both 2-wire bus-
ses to be complete (as described in the Start-Up section)
before connecting the two sides. At this time the internal
pull-down on READY releases.
LTC4307 and LTC4307-1 Feature Differences
The LTC4307-1 HDMI level-shifting 2-wire bus buffer is
specifically intended for HDMI applications. Features in
the general purpose LTC4307 device that are not required
in HDMI systems have been removed. In addition, level-
shifting functionality has been added to the LTC4307-1
to allow 3.3V HDMI devices to interface safely to the 5V
HDMI DDC bus. See Table 1 for a list of the differences
between the LTC4307 and LTC4307 -1.
Table 1. Differences Between the LTC4307 and the LTC4307-1
SPECIFICATION
LTC4307
LTC4307-1
COMMENTS ON LTC4307-1
Pre-charge
Yes
No
HDMI DDC Lines are Not Hot Swapped
Level Shifting
No
Yes,
2.2V to 5.5V
Provides Communication Between 3.3V and 5V DDC Busses,
Protects 3.3V Devices from 5V Supply
Stuck Bus Disconnect and Recovery
Yes
No
Stuck Busses, Not an Issue in HDMI Systems
Rise Time Accelerators
Yes
No
Complies with HDMI Specification Version 1.3 DDC Capacitance
Requirement


Similar Part No. - LTC4307-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4307-1 LINER-LTC4307-1 Datasheet
171Kb / 12P
   High Defi nition Multimedia Interface (HDMI) Level- Shifting 2-Wire Bus Buffer
LTC4307-1 LINER-LTC4307-1 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4307-1 LINER-LTC4307-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4307-1 LINER-LTC4307-1 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4307-1 LINER-LTC4307-1 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
More results

Similar Description - LTC4307-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4307-1 LINER-LTC4307-1 Datasheet
171Kb / 12P
   High Defi nition Multimedia Interface (HDMI) Level- Shifting 2-Wire Bus Buffer
LTC4300A-3 LINER-LTC4300A-3_15 Datasheet
216Kb / 14P
   Level-Shifting Hot Swappable 2-Wire Bus Buffer with Enable
LTC4300A-3 LINER-LTC4300A-3 Datasheet
198Kb / 12P
   Level Shifting Hot Swappable 2-Wire Bus Buffer with Enable
LTC4308 LINER-LTC4308_15 Datasheet
173Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309 Datasheet
202Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308 Datasheet
172Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309_15 Datasheet
205Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Molex Electronics Ltd.
47266-0001 MOLEX-47266-0001 Datasheet
119Kb / 2P
   High Definition Multimedia Interface (HDMI) Receptacle
logo
Level One
HVE-9900 LVL1-HVE-9900 Datasheet
166Kb / 3P
   The High-Definition Multimedia Interface (HDMI)
logo
NXP Semiconductors
PCA9512A NXP-PCA9512A_11 Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com