Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0440 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TN0440
Description  M24256 and M24512 EEPROM devices
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0440 Datasheet(HTML) 1 Page - STMicroelectronics

  TN0440 Datasheet HTML 1Page - STMicroelectronics TN0440 Datasheet HTML 2Page - STMicroelectronics TN0440 Datasheet HTML 3Page - STMicroelectronics TN0440 Datasheet HTML 4Page - STMicroelectronics TN0440 Datasheet HTML 5Page - STMicroelectronics TN0440 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
February 2014
DocID018338 Rev 2
1/6
TN0440
Technical note
M24256 and M24512 EEPROM devices: compatibility with the
I²C-bus specification at 400 kHz and 1 MHz
Introduction
The I²C-bus specification, defined by NXP/Philips, defines how the I²C-bus can be used at
various serial clock frequency values.
This note describes how the M24256 and M24512 EEPROM devices are compatible with
the 1 MHz and 400 kHz I²C-bus specification.
Table 1. Applicable products
Device
RPN
M24256
M24256-BF
M24256-BR
M24256-BW
M24512
M24512-R
M24512-W
www.st.com


Similar Part No. - TN0440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TN0401L VISHAY-TN0401L Datasheet
46Kb / 4P
   N-Channel 20-, 30-, 40-V (D-S) MOSFETs
Rev. E, 16-Jul-01
logo
STMicroelectronics
TN0436 STMICROELECTRONICS-TN0436 Datasheet
73Kb / 10P
   This document describes the differences between
More results

Similar Description - TN0440

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2540 STMICROELECTRONICS-AN2540 Datasheet
238Kb / 25P
   EEPROM emulation in STR91xFxx devices
logo
List of Unclassifed Man...
3UG4622-1AW30 ETC2-3UG4622-1AW30 Datasheet
2Mb / 114P
   Monitoring and Control Devices
logo
ATMEL Corporation
AT89C51CC03 ATMEL-AT89C51CC03_14 Datasheet
327Kb / 7P
   Read/Write Flash and EEPROM Memories
logo
STMicroelectronics
AN970 STMICROELECTRONICS-AN970 Datasheet
69Kb / 10P
   SPI COMMUNICATION BETWEEN ST7 AND EEPROM
logo
ATMEL Corporation
T89C51CC01 ATMEL-T89C51CC01_14 Datasheet
346Kb / 32P
   Read/Write Flash and EEPROM Memories
logo
TE Connectivity Ltd
RA-3100 TEC-RA-3100 Datasheet
1Mb / 4P
   HARTMAN Sensors and Protective Devices
A-772 TEC-A-772 Datasheet
273Kb / 1P
   HARTMAN Sensors and Protective Devices
logo
Littelfuse
AN9768 LITTELFUSE-AN9768 Datasheet
131Kb / 8P
   Transient Suppression Devices and Principles
logo
List of Unclassifed Man...
HW-G10 ETC2-HW-G10 Datasheet
164Kb / 4P
   Oiltight Switches and Pilot Devices
logo
Silicon Laboratories
BGM121 SILABS-BGM121 Datasheet
3Mb / 96P
   IoT end devices and gateways
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com