Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L48UEC Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-L48UEC
Description  4.8mm Round-Helmet Type LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L48UEC Datasheet(HTML) 2 Page - BetLux Electronics

  BL-L48UEC Datasheet HTML 1Page - BetLux Electronics BL-L48UEC Datasheet HTML 2Page - BetLux Electronics BL-L48UEC Datasheet HTML 3Page - BetLux Electronics BL-L48UEC Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Helmut Type LED lamp
BL-L48
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
2.54(.1)
0.5(.02)
C
A
T
H
O
D
E
4.8(.189)
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-L48UEC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L48UEC BETLUX-BL-L48UEC Datasheet
75Kb / 3P
   Helmut Type LED lamp
More results

Similar Description - BL-L48UEC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L102SRC BETLUX-BL-L102SRC Datasheet
73Kb / 3P
   Round Helmet Type LED lamp
BL-L524 BETLUX-BL-L524 Datasheet
557Kb / 4P
   5mm Round-Helmet Type LED Lamp
BL-L522 BETLUX-BL-L522 Datasheet
232Kb / 4P
   5mm Round-Helmet Type LED Lamp
BL-L523 BETLUX-BL-L523 Datasheet
232Kb / 4P
   5mm Round-Helmet Type LED Lamp
logo
Ningbo Foryard Optoelec...
FYL-48D3UBC1C FORYARD-FYL-48D3UBC1C_15 Datasheet
288Kb / 5P
   4.8mm helmet type
logo
Lucky Light Electronic
GB-353 LUCKY-LIGHT-GB-353 Datasheet
42Kb / 1P
   Round-Helmet Type LED Lamps (5mm)
logo
Marktech Corporate
MT4164S4-HR6-2-A MARKTECH-MT4164S4-HR6-2-A Datasheet
146Kb / 5P
   4.8mm ROUND LED LAMP WITH HOLDER
logo
Lucky Light Electronic
GB-343 LUCKY-LIGHT-GB-343 Datasheet
42Kb / 1P
   Round-Helmet Type LED Lamps (5mm)
logo
Marktech Corporate
MT1064S15-G-A MARKTECH-MT1064S15-G-A Datasheet
156Kb / 5P
   4.8mm ROUND LED LAMP WITH HOLDER
logo
Everlight Electronics C...
A593B-2SUR-S530-A3 EVERLIGHT-A593B-2SUR-S530-A3 Datasheet
124Kb / 7P
   4.8mm Round Type LED Lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com