Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L453UGC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L453UGC
Description  4mm Oval Type LED lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L453UGC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L453UGC Datasheet HTML 1Page - BetLux Electronics BL-L453UGC Datasheet HTML 2Page - BetLux Electronics BL-L453UGC Datasheet HTML 3Page - BetLux Electronics BL-L453UGC Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Oval LED lamp
BL-L453
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
Ø
4mm Oval Type LED lamp
Ø
Ultra brightness.
Ø
Choice of various viewing angles.
Ø
Diffused, Transparent and Water clear lens are available.
Ø
IC compatible /Low current capability.
Ø
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
P
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2¦È1/2
(deg)
BL-L453SRC
Hi Red
AlGa As,SH
660
1.85
2.20
50
150
BL-L453LRC
Super Red
AlGa As,DH
660
1.85
2.20
150
300
BL-L453URC
Ultra Red
AlGa As,DDH
660
1.95
2.20
300
850
BL-L453UEC
Ultra Orange
AlGaInP
630
2.10
2.50
300
800
BL-L453UYC
Ultra Yellow
AlGaInP
590
2.10
2.50
300
800
BL-L453UGC
Ultra Green
AlGaInP
574
2.20
2.50
100
250
BL-L453PGC
Ultra Pure Green
InGaN
525
3.80
4.50
800
1800
BL-L453BGC
Ultra Bluish Green
InGaN
505
3.80
4.50
600
1500
BL-L453BC
Blue
InGaN
430
3.80
4.50
250
800
BL-L453UBC
Ultra Blue
InGaN
470
2.70
4.20
600
1500
BL-L453VC
UV
InGaN
405
3.80
4.50
40
80
BL-L453UWC
Ultra White
InGaN
/
Water
Clear
2.70
4.20
1000
2300
X-X
70
Y-Y
30
Absolute maximum ratings (Ta=25°C)
Parameter
SR
LR
UR
UE
UY
UG
PG
BG
B
UB
UV
W
U
nit
Forward Current
IF
25
25
25
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
60
60
65
65
75
110
110
120
120
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
150
100
100
100
100
100
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Max.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C


Similar Part No. - BL-L453UGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L453UGC BETLUX-BL-L453UGC Datasheet
70Kb / 3P
   Ovel LED lamp
More results

Similar Description - BL-L453UGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L463 BETLUX-BL-L463 Datasheet
230Kb / 4P
   4mm Oval Type LED lamp
logo
OPTEK Technologies
OVLJBGD8 OPTEK-OVLJBGD8 Datasheet
622Kb / 4P
   Oval Blue LED Lamp (4mm)
logo
TT Electronics.
OVLJGGD8 TTELEC-OVLJGGD8 Datasheet
653Kb / 4P
   Oval Green LED Lamp (4mm)
OVLJRGD8 TTELEC-OVLJRGD8 Datasheet
650Kb / 4P
   Oval Red LED Lamp (4mm)
OVLJBGD8 TTELEC-OVLJBGD8 Datasheet
624Kb / 4P
   Oval Blue LED Lamp (4mm)
logo
OPTEK Technologies
OVLJGGD8 OPTEK-OVLJGGD8 Datasheet
652Kb / 4P
   Oval Green LED Lamp (4mm)
OVLJRGD8 OPTEK-OVLJRGD8 Datasheet
649Kb / 4P
   Oval Red LED Lamp (4mm)
logo
List of Unclassifed Man...
QBOL4X60D ETC2-QBOL4X60D Datasheet
470Kb / 6P
   4mm Oval Lamp
QBOL4R60D ETC1-QBOL4R60D Datasheet
470Kb / 6P
   4mm Oval Lamp
logo
Inolux Corporation
HTOV411040XX INOLUX-HTOV411040XX Datasheet
609Kb / 10P
   4mm Oval Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com