Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5533 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5533
Description  300MHz to 11GHz Precision Dual RF Power Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5533 Datasheet(HTML) 4 Page - Linear Technology

  LTC5533_15 Datasheet HTML 1Page - Linear Technology LTC5533_15 Datasheet HTML 2Page - Linear Technology LTC5533_15 Datasheet HTML 3Page - Linear Technology LTC5533_15 Datasheet HTML 4Page - Linear Technology LTC5533_15 Datasheet HTML 5Page - Linear Technology LTC5533_15 Datasheet HTML 6Page - Linear Technology LTC5533_15 Datasheet HTML 7Page - Linear Technology LTC5533_15 Datasheet HTML 8Page - Linear Technology LTC5533_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC5533
4
5533f
VOUT Slope vs RF Input Power
at 300MHz
RF INPUT POWER (dBm)
–32
1
100
1000
–20
–8
–28
–16
–4
–24
–12
4
08
5533 G10
10
VCC = 3.6V
VOS = 0V
TA = –40°C
TA = 25°C
TA = 85°C
RF INPUT POWER (dBm)
–32
1
100
1000
–20
–8
–28
–16
–4
–24
–12
4
08
5533 G11
10
VCC = 3.6V
VOS = 0V
TA = –40°C
TA = 25°C
TA = 85°C
RF INPUT POWER (dBm)
–32
1
100
1000
–20
–8
–28
–16
–4
–24
–12
4
08
5533 G12
10
VCC = 3.6V
VOS = 0V
TA = –40°C
TA = 25°C
TA = 85°C
VOUT Slope vs RF Input Power
at 1GHz
VOUT Slope vs RF Input Power
at 2GHz
VOUT Slope vs RF Input Power
at 3GHz
VOUT Slope vs RF Input Power
at 5GHz
VOUT Slope vs RF Input Power
at 7GHz
RF INPUT POWER (dBm)
–32
1
100
1000
–20
–8
–28
–16
–4
–24
–12
4
08
5533 G13
10
VCC = 3.6V
VOS = 0V
TA = –40°C
TA = 25°C
TA = 85°C
RF INPUT POWER (dBm)
–32
1
100
1000
–20
–8
–28
–16
–4
–24
–12
4
08
5533 G14
10
VCC = 3.6V
VOS = 0V
TA = –40°C
TA = 25°C
TA = 85°C
RF INPUT POWER (dBm)
–32
1
100
1000
–20
–8
–28
–16
–4
–24
–12
4
08
5533 G15
10
VCC = 3.6V
VOS = 0V
TA = –40°C
TA = 25°C
TA = 85°C
VOUT Variation Relative to 25°C
vs RF Input Power at 300MHz
RF INPUT POWER (dBm)
–30
–3
–2
0
1
2
–22
–14 –10
6
5533 G16
–1
–26
–18
–6
–2
2
3
VCC = 3.6V
VOS = 0V
TA = –40°C
TA = 85°C
VOUT Variation Relative to 25°C
vs RF Input Power at 1GHz
VOUT Variation Relative to 25°C
vs RF Input Power at 2GHz
RF INPUT POWER (dBm)
–30
–3
–2
0
1
2
–22
–14 –10
6
5533 G17
–1
–26
–18
–6
–2
2
3
VCC = 3.6V
VOS = 0V
TA = –40°C
TA = 85°C
RF INPUT POWER (dBm)
–30
–3
–2
0
1
2
–22
–14 –10
6
5533 G18
–1
–26
–18
–6
–2
2
3
VCC = 3.6V
VOS = 0V
TA = –40°C
TA = 85°C
TYPICAL PERFOR A CE CHARACTERISTICS (For one channel. SHDN = V
CC, unless
otherwise specified.)


Similar Part No. - LTC5533_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5533EDE LINER-LTC5533EDE Datasheet
241Kb / 12P
   300MHz to 11GHz Precision Dual RF Power Detector
More results

Similar Description - LTC5533_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5533 LINER-LTC5533 Datasheet
241Kb / 12P
   300MHz to 11GHz Precision Dual RF Power Detector
LTC5509 LINER-LTC5509 Datasheet
177Kb / 8P
   300MHz to 3GHz 300MHz RF Power Detector in SC70 Package
LTC5532 LINER-LTC5532 Datasheet
237Kb / 12P
   300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
LTC5532 LINER-LTC5532_15 Datasheet
288Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5530 LINER-LTC5530_15 Datasheet
317Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5532 LINER-LTC5532_09 Datasheet
282Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5509 LINER-LTC5509_15 Datasheet
188Kb / 8P
   300MHz to 3GHz RF Power Detector in SC70 Package
LTC5531 LINER-LTC5531 Datasheet
221Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
LTC5530 LINER-LTC5530 Datasheet
311Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5531 LINER-LTC5531_15 Datasheet
226Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com